Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 3Page - Richtek Technology Corporation RT7204E Datasheet HTML 4Page - Richtek Technology Corporation RT7204E Datasheet HTML 5Page - Richtek Technology Corporation RT7204E Datasheet HTML 6Page - Richtek Technology Corporation RT7204E Datasheet HTML 7Page - Richtek Technology Corporation RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation RT7204E Datasheet HTML 10Page - Richtek Technology Corporation RT7204E Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
7
10
Absolute Maximum Ratings
(
Note 2)
 USBP to GND-------------------------------------------------------------------------------------------------------- −0.3V to 32V
 VDD, VBUS, OPTO, CS+, CS- to GND ----------------------------------------------------------------------- −0.3V to 28V
 VFB, IFB, VTR, RT, GPIO1, GPIO2, GPIO3, CC1, CC2, D+, D- to GND----------------------------- −0.3V to 6.5V
 Power Dissipation, PD @ TA = 25C
WQFN-24L 4x4 --------------------------------------------------------------------------------------------------- 2.52W
 Package Thermal Resistance
(
Note 3)
WQFN-24L 4x4, θJA------------------------------------------------------------------------------------------------- 39.6
C/W
WQFN-24L 4x4, θJC ------------------------------------------------------------------------------------------------ 7.1
C/W
 Junction Temperature ---------------------------------------------------------------------------------------------- 150C
 Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260C
 Storage Temperature Range ------------------------------------------------------------------------------------- −65C to 150C
 ESD Susceptibility
(
Note 4)
HBM (Human Body Model)---------------------------------------------------------------------------------------- 2kV
11
Recommended Operating Conditions
(
Note 5)
 Supply Input Voltage, VDD ---------------------------------------------------------------------------------------- 3V to 21V
 Junction Temperature Range ------------------------------------------------------------------------------------- −40C to 125C
 Ambient Temperature Range ------------------------------------------------------------------------------------- −40C to 105C
12
Electrical Characteristics
(TA = 25°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDD Section
VDD Turn-On Threshold VVDD_ON
2.9
3.05
3.2
V
VDD Turn-Off Threshold
VVDD_OFF
2.8
2.85
2.9
V
VDD Start-Up Current
IDD_START
VDD = 2.8V
--
200
300
A
VDD Operating Current
IDD_OP
VDD = 5V
--
3.5
5
mA
VDD Idle-Mode Current
IDD_IDLE
VDD = 5V
--
1.5
2
mA
Note 2. Stresses beyond those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other condition beyond those indicated
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 3. JA is measured under natural convection (still air) at TA = 25°C with the component mounted on a low effective-
thermal-conductivity two-layer test board on a JEDEC thermal measurement standard.
JC is measured at the exposed
pad of the package.
Note 4. Devices are ESD sensitive. Handling precautions are recommended.
Note 5. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com