Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation RT7204E Datasheet HTML 10Page - Richtek Technology Corporation RT7204E Datasheet HTML 11Page - Richtek Technology Corporation RT7204E Datasheet HTML 12Page - Richtek Technology Corporation RT7204E Datasheet HTML 13Page - Richtek Technology Corporation RT7204E Datasheet HTML 14Page - Richtek Technology Corporation RT7204E Datasheet HTML 15Page - Richtek Technology Corporation RT7204E Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
12
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Register-Programmable
VCONN Voltage
VVCONN
VDD = 5V, IVCONN = 0mA
4
4.2
4.4
V
VDD = 5V, IVCONN = 30mA
3.3
--
--
VCONN Short-Circuit
Current
IVCONN_SC
(
Note 6)
45
70
95
mA
VBUS Section
Maximum VBUS
Discharge Current
IVBUS_DIS
VDD = 3V to 21V
2
--
30
mA
VBUS Pull-Low
Impedance
RVBUS_L
IVBUS = 2mA
0.7
1
1.3
k
VBUS Divider Resistor
for ADC Sensing
RVBUS_ADC
RVBUS_ADC = RVBUS1 +
RVBUS2
294
420
546
k
VBUS Scaling Factor for
ADC Sensing
KVBUS_ADC
KVBUS_ADC = (RVBUS1 +
RVBUS2) / RVBUS2
(Note 6)
9.7
10
10.3
--
Register-Programmable
VBUS Drop Threshold
for Output Short
Protection
VVBUS_DROP
VDD > 3.3V
If VDD - VBUS >
VVBUS_DROP,
1. The blocking
MOSFET can be turned
off or left on based on
the register setting
2. Send a flag to MCU
3. Disable/enable by
register
(
Note 6)
0
0.2
0.3
0.4
V
1
0.3
0.4
0.5
Register-Programmable
VBUS Drop Deglitch
Time for Output Short
Protection
tVBUS_DROP
VDD > 5V
(
Note 6)
0
16
20
24
s
1
24
30
36
USBP Section
USBP Output High
Voltage
VUSBP_OH
VDD +
7
VDD +
8.5
VDD +
10
V
USBP Undervoltage
Protection Threshold
VUSBP_UVP
1. Disable/Enable by register
2. Send a flag to MCU
3. The blocking MOSFET can
be turned off or left on based
on the register setting
4. Disable/enable by register
VDD +
4
VDD +
4.5
VDD +
5
V
USBP Undervoltage
Deglitch Time
tUSBP_UVP
(Note 6)
30
50
70
s
Register-Programmable
Pull-Low Resistance
when USBP Turn-Off
RUSBPOFF_OL
1. For VDD > VVDD_ON
2. If USBP is turned Off
14
20
26
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com