Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7204E Datasheet HTML 1Page - Richtek Technology Corporation RT7204E Datasheet HTML 2Page - Richtek Technology Corporation RT7204E Datasheet HTML 3Page - Richtek Technology Corporation RT7204E Datasheet HTML 4Page - Richtek Technology Corporation RT7204E Datasheet HTML 5Page - Richtek Technology Corporation RT7204E Datasheet HTML 6Page - Richtek Technology Corporation RT7204E Datasheet HTML 7Page - Richtek Technology Corporation RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
4
7
Pin Configuration
(TOP VIEW)
VDD
GND
OPTO
VFB
IFB
GPIO1
NC
D-
CC2
CC1
NC
D+
GND
1
2
3
4
5
6
7
8
9
10
12
11
18
17
16
15
14
13
21 20 19
24
22
23
25
WQFN-24L 4x4
8
Functional Pin Description
Pin No.
Pin Name
Type
Pin Function
1
VDD
PWR
Supply input voltage.
2
GND
GND
Ground.
3
OPTO
AO
Current sink output for optocoupler connection. Can be configured as
open-drain output and ADC input.
4
VFB
AI
Feedback input for constant-voltage loop.
5
IFB
AI
Feedback input for constant-current loop.
6
GPIO1
A/D IO
General purpose input/output. Can be configured as I2C-SDA,
UART_TX/UART_RX, open-drain output, sourcing current, and ADC
input.
7
GPIO2
A/D IO
General purpose input/output. Can be configured as I2C-SCL,
UART_TX/UART_RX, open-drain output, sourcing current, and ADC
input.
8, 10, 13, 18,
21, 24
NC
NC
No internal connection.
9
GPIO3
A/D IO
General purpose input/output. Can be configured as open-drain output,
sourcing current, and ADC input.
11
VTR
AI
Transformer voltage sense node for input voltage detection. Can be
configured as open-drain output and ADC input.
12
RT
A/D IO
Remote thermal sensor connection node
for over-temperature
protection. Can be configured as open-drain output, sourcing current,
and ADC input.
14
CC1
A/D IO
Type-C connector Configuration Channel (CC) 1. It is used to detect a
cable plug event and determine the cable orientation. Can be
configured as ADC input.
15
CC2
A/D IO
Type-C connector Configuration Channel (CC) 2. It is used to detect a
cable plug event and determine the cable orientation. Can be
configured as ADC input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com