Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 29Page - Richtek Technology Corporation RT7204E Datasheet HTML 30Page - Richtek Technology Corporation RT7204E Datasheet HTML 31Page - Richtek Technology Corporation RT7204E Datasheet HTML 32Page - Richtek Technology Corporation RT7204E Datasheet HTML 33Page - Richtek Technology Corporation RT7204E Datasheet HTML 34Page - Richtek Technology Corporation RT7204E Datasheet HTML 35Page - Richtek Technology Corporation RT7204E Datasheet HTML 36Page - Richtek Technology Corporation RT7204E Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
33
16
Application Information
(Note 8)
16.1
Constant Voltage (CV) Loop
As shown in Figure 7, the RT7204E integrates two error amplifiers (EA), which are connected with the feedback
compensators to regulate the output voltage and current, respectively. The output voltage is determined by the
following equation:
VOUT = KFB x VREF_CV
where
KFB = (RFB1 + RFB2) / RFB2 = 10
Therefore, the VOUT is determined by VREF_CV, the analog output from the DAC, which is controlled by MCU.
16.2
Constant Current (CC) Loop
As shown in Figure 7, the RT7204E integrates a virtually zero input offset high-side current-sense amplifier with
differential mode inputs to minimize noise interference. The sensed signal, Io_signal, is fed into an 11-bit ADC for
monitoring and processing by the MCU. The reference voltage of the CC loop is determined by VREF_CC (from the
DAC), which is programmed according to the requirements of charger.
Both the constant voltage and the constant current compensation loops are connected to the OPTO pin. The
OPTO driver sinks current through an external resistor RD and an optocoupler that isolates the secondary side
from the primary side, and then feedbacks the compensation signal to the primary side. Note that for better linearity
of the loop compensation range, RD should be designed to cover the operation at the minimum output voltage.
−−

OUT_MIN
F
COMP_MAX
D
(V
V
0.3V)
CTR
I
R
where
CTR: Current transfer ratio of the optocoupler
VF: Forward voltage of the optocoupler
0.3V: The minimum OPTO voltage for the OPTO driver to sink the minimum OPTO sink current
ICOMP_MAX: The maximum COMP sourcing current of a traditional PWM controller in the primary side. It is a current
sourced from an internal bias through a built-in pull-up resistor connected to the COMP pin in the PWM controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com