Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 34Page - Richtek Technology Corporation RT7204E Datasheet HTML 35Page - Richtek Technology Corporation RT7204E Datasheet HTML 36Page - Richtek Technology Corporation RT7204E Datasheet HTML 37Page - Richtek Technology Corporation RT7204E Datasheet HTML 38Page - Richtek Technology Corporation RT7204E Datasheet HTML 39Page - Richtek Technology Corporation RT7204E Datasheet HTML 40Page - Richtek Technology Corporation RT7204E Datasheet HTML 41Page - Richtek Technology Corporation RT7204E Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
38
16.7
VBUS Drop Protection
The VBUS drop protection provides an additional mechanism to protect the output short circuit, as shown in Figure
14. It is designed to detect the voltage difference between VDD and VBUS, which includes current-sense resistor
and blocking N-MOSFET drain-to-source. When the voltage difference exceeds the VBUS drop threshold, the
blocking N-MOSFET will be clamped-off immediately.
VVBUS_DROP
N-MOSFET
Driver
IOUT
Debounce
Time
Reset Signal
+
-
USBP
VBUS
VDD
Q
Q
R
S
VOUT
VBUS
RCS
Figure 14. VBUS Drop Protection
16.8
Temperature Sensing and Thermal Protection
The RT7204E provides the RT pin for over-temperature protection or thermal monitoring. As shown in Figure 2,
the RT pin sources a constant bias current for a remote thermal sensor of an NTC thermistor, connected from the
RT pin to GND, for temperature sensing. If the RT voltage falls below a programmable threshold voltage and the
condition sustains for a programmable deglitch time, the over-temperature protection will be triggered.
The bias current passing through the RT pin can be programmed to either 100
A or 20A via a register setting.
Selecting the appropriate bias current enhances the linearity of the temperature sensing function across a
temperature range of 25°C to 100°C. Additionally, The RT7204E can transmit the sensed RT voltage signal to the
UFP via the protocol (Vendor Defined Message), if necessary. Figure 15 shows the RT voltages vary with
temperature at two different bias currents using an NTC thermistor TTC104 as an example.
2.5V
0.4V
1V
2V
100°C
50°C
0°C
20µA
100µA
VRT
Temperature
Figure 15. The RT Voltages vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com