Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 35Page - Richtek Technology Corporation RT7204E Datasheet HTML 36Page - Richtek Technology Corporation RT7204E Datasheet HTML 37Page - Richtek Technology Corporation RT7204E Datasheet HTML 38Page - Richtek Technology Corporation RT7204E Datasheet HTML 39Page - Richtek Technology Corporation RT7204E Datasheet HTML 40Page - Richtek Technology Corporation RT7204E Datasheet HTML 41Page - Richtek Technology Corporation RT7204E Datasheet HTML 42Page - Richtek Technology Corporation RT7204E Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
39
16.9
VIN Detection and LPS Protection
The RT7204E can detect the input voltage and implement LPS protection by sensing the drain voltage of the low-
side SR MOSFET, as shown in Figure 6. The recommended divider resistance, RVTR_H, between the SR MOSFET
drain terminal and the VTR pin is 150k
. Due to varying component stress and thermal considerations under AC
high/low line conditions, the power rating and OTP threshold can be adaptively customized through input voltage
detection for a more compact design. The VTR pin also provides AC OFF detection to prevent the RT7204E from
being reverse biased through the body diode of a blocking N-MOSFET. If there is no switching signal on the VTR
within the programmable delay time, a flag will be sent to the MCU to fulfill power saving requirements.
16.10
Thermal Considerations
The junction temperature should never exceed the absolute maximum junction temperature TJ(MAX), listed under
Absolute Maximum Ratings, to avoid permanent damage to the device. The maximum allowable power dissipation
depends on the thermal resistance of the IC package, the PCB layout, the rate of surrounding airflow, and the
difference between the junction and ambient temperatures. The maximum power dissipation can be calculated
using the following formula:
PD(MAX) = (TJ(MAX) - TA) /
JA
where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and
JA is the junction-to-
ambient thermal resistance.
For continuous operation, the maximum operating junction temperature indicated under Recommended Operating
Conditions is 125°C. The junction-to-ambient thermal resistance,
JA, is highly package dependent. For a WQFN-
24L 4x4 package, the thermal resistance,
JA, is 39.6°C/W on a standard JEDEC low effective-thermal-conductivity
two-layer test board. The maximum power dissipation at TA = 25°C can be calculated as below:
PD(MAX) = (125°C - 25°C) / (39.6°C/W) = 2.52W for a WQFN-24L 4x4 package.
The maximum power dissipation depends on the operating ambient temperature for the fixed TJ(MAX) and the
thermal resistance,
JA. The derating curve in Figure 16 allows the designer to see the effect of rising ambient
temperature on the maximum power dissipation.
Figure 16. Derating Curve of Maximum Power Dissipation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
Ambient Temperature (°C)
Two-Layer PCB
Note 8
. The information provided in this section is for reference only. The customer is solely responsible for the designing,
validating, and testing your product incorporating Richtek’s product and ensure such product meets applicable
standards and any safety, security, or other requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com