Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet (PDF) - Microchip Technology

LX7220 Datasheet PDF - Microchip Technology
Part # LX7220
Download  LX7220 Download
File Size   917.56 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C

LX7220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX7220 Datasheet PDF - Microchip Technology

Part # LX7220
Download  LX7220 Click to download

File Size   917.56 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C

LX7220 Datasheet (HTML) - Microchip Technology


LX7220 Product details

Features
• Constant Frequency Hysteretic Control
• Extremely Fast Line/Load Transient Response
• I2C for Output Adjustment (3.4 Mbps)
• 1.2 MHz Switching Frequency
• Extremely Low-RDSON MOSFETs
• Input Voltage Rail 2.7V to 5.5V
• Greater than 6A Output Current
• Default Power Save Mode for Light-Load
Efficiency
• UVLO, OVP, OCP
• -40°C to +85°C Ambient Temperature
• Available in VQFN 2 mm x 3 mm 14-Lead
Package
• RoHS Compliant
Applications
• High Performance HDD
• Solid-State Drive
• Data Center Applications
• Raid/Host Bus Adaptors
• Optical Transceivers




Similar Part No. - LX7220

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-15ISF MICROSEMI-LX7201-15ISF Datasheet
351Kb / 6P
EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-22ISF MICROSEMI-LX7201-22ISF Datasheet
351Kb / 6P
EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
EMI Filter & ESD Protection for Up Stream USB Ports
LX7202-15ISF MICROSEMI-LX7202-15ISF Datasheet
280Kb / 7P
EMI Filter & ESD Protection for Up Stream USB Ports
More results


Similar Description - LX7220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
6A, Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
6A, Adjustable Frequency Synchronous Buck Regulator
logo
ON Semiconductor
FAN2306MAMPX ONSEMI-FAN2306MAMPX Datasheet
1Mb / 22P
6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN2356AMPX ONSEMI-FAN2356AMPX Datasheet
1Mb / 21P
6A Synchronous Buck Regulator
Rev. 1.0
FAN23SV56AMPX ONSEMI-FAN23SV56AMPX Datasheet
1Mb / 23P
6A Synchronous Buck Regulator
Rev. 1.0
logo
Microsemi Corporation
LX7165 MICROSEMI-LX7165 Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
logo
Renesas Technology Corp
RAA808013 RENESAS-RAA808013 Datasheet
2Mb / 20P
2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Aug 19, 2022
RAA808015A RENESAS-RAA808015A Datasheet
1Mb / 25P
2.7V to 5.5V Input, 5A Synchronous Buck Regulators
Mar 2, 2023
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com