Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet(PDF) 5 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 5 Page - Microchip Technology

  LX7220 Datasheet HTML 1Page - Microchip Technology LX7220 Datasheet HTML 2Page - Microchip Technology LX7220 Datasheet HTML 3Page - Microchip Technology LX7220 Datasheet HTML 4Page - Microchip Technology LX7220 Datasheet HTML 5Page - Microchip Technology LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 5
LX7220
Load Regulation
—
—
–0.23
—
%/A
ILOAD = 0A to 5A. Note 1
VOUT Input Current
—
—
0
1
μA
VOUT Undervoltage Threshold
VOUV
77
82
85
%VREF
VOUT below this threshold will
initiate a hiccup sequence
SW
High Side on Resistance
RDSON_H
—22
—
mΩ
VIN = 5V
Low Side on Resistance
RDSON_L
—13
—
mΩ
VIN = 5V
Current Limit
OCP
7.5
8.5
10
A
Note 1
Thermal Shut Down Threshold
TSH
—
150
—
°C
Note 1
Hysteresis
TH
—20
—
°C
Note 1
PWM Switching Frequency
FSW
1
1.2
1.4
MHz
SW Discharge Resistance
RSWDISC
80
200
1400
Ω
EN = low, Discharge: Ctrl2(4) = 1
EN, SDA (as input), SCL
Input High
VIH
1.1
——
V
Input Low
VIL
——
0.4
V
Hysteresis
VH
0.05
0.15
—
V
Input Current
III
—0
1.1
μA
Low Level Output Voltage
VOL
0
—
0.2 ×
VDD
V
Logic0 output voltage, Isink = 2 mA
(Note 1)
Low Level Output Current
IOL
3—
—
mA
VOL = 0.4V (Note 1)
PGOOD
PGOOD VOUT
Lower Threshold
VPG90
82
85
88
%VREF VOUT rising, percentage of VREF
PGOOD VOUT
Upper Threshold
VPG110
105
110
115
%VREF VOUT falling, percentage of VREF
Hysteresis
VPGHY
—5
—
%VREF Percentage of VREF
PGOOD Pull Down Resistance
PGRDSON
—13
20
Ω
PGOOD Leakage Current
—
—
0
1
μA
PGOOD Delay
—
27
45
69
ms
PGOOD rising edge delay
7 Bit DAC
Differential Linearity
—
—
—
0.8
LSB
Monotonicity assured by design
Note 1: Guaranteed by design.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Package Thermal Resistance
Thermal Resistance, VQFN
JA
—50
—
°C/W
Note 1: The
JA numbers assume no forced airflow. Junction Temperature is calculated using TJ = TA + (PD x JA).
In particular,
JAis a function of the PCB construction. The stated number above is for a four-layer board in
accordance with JESD-51 (JEDEC).
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VIN = VEN = 5V, SDA = SCL = 5V, default register
settings. Bold specifications apply over the TA range of -40°C to +85°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com