Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet(PDF) 8 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 4Page - Microchip Technology LX7220 Datasheet HTML 5Page - Microchip Technology LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology LX7220 Datasheet HTML 10Page - Microchip Technology LX7220 Datasheet HTML 11Page - Microchip Technology LX7220 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LX7220
DS20006704A-page 8
 2022 Microchip Technology Inc. and its subsidiaries
3.0
OPERATION THEORY
3.1
Basic Operation
The LX7220 compares VOUT voltage to an internal
reference, VREF. When VOUT is lower than VREF, the
upper switch turns on and the lower switch turns off.
When VOUT is higher than VREF, the upper switch turns
off and the lower switch turns on. An internal ramp
helps to keep the switching frequency constant over a
wide range of output capacitor values and parasitic
components (i.e. ESR, ESL). In addition, a frequency
control loop keeps the switching frequency constant
during continuous conduction mode.
At light loads, if enabled, the converter automatically
reduces
the
switching
frequency
and
enters
discontinuous conduction mode to optimize efficiency
while ensuring low VOUT ripple voltage.
An integrated I2C bus interface, operating up to
3.4 Mbps, adds the following use programmability to
the converter:
1.
On-the-fly programming of the output voltage in
4.7 mV increments
2.
Enable/Disable the regulator
3.
Allow PSM or limit operation to PWM only mode
4.
Set the VREF slew rate
5.
Switch node slew rate control.
3.2
Setting the Output Voltage
The output voltage is set with the reference voltage and
how the VOUT pin (12) is connected to the output. With
a direct connection (see Typical Application Circuit),
the reference voltage equals the output voltage. When
the VOUT pin (12) is connected to a resistor divider,
this also determines the output voltage. At start-up, the
reference voltage is determined by the parts number “y”
parameter (i.e. LX7220-xyILQ); “y” sets the output
voltage (3 is 0.95V, 2 is 0.9V). After start-up, the
reference voltage can be programmed with the I2C bus
VSEL register value.
The output voltage is determined as follows:
3.3
Start-Up
If the LX7220 is enabled, when VIN rises above the
UVLO threshold, the regulator will initiate a start-up
sequence. The serial port registers are initialized to
their default values and all internal bias voltages and
currents are allowed to stabilize. VREF then ramps up
from 0V to the default voltage, at the default slew rate.
At the end of the ramp time, PGOOD is allowed to go
high after VOUT has reached the PGOOD rising
threshold. During the ramp time, the LX7220 switches
to PSM to allow discontinuous operation. This
switchover is independent of the MODE bit setting.
3.4
Overcurrent Protection
LX7220 protects against all types of short circuit
conditions. Cycle-by-cycle overcurrent protection turns
off the upper switch when the current exceeds the OCP
threshold. When this occurs, the upper switch is held
off for at least 350 ns before being allowed to turn on
again. After start-up, if VOUT drops below the VOUT
undervoltage threshold, a hiccup sequence will be initi-
ated where both output switches are shut off for 6.5 ms
before initiating another soft start cycle. This protects
against a crowbar short circuit. The VOUT undervoltage
detection is not active during start-up.
3.5
Positive Voltage Transitions
After the initial start-up sequence, the output voltage
can be programmed to a new value by programming
the VSEL register bits and then asserting the GO bit.
VREF will transition to the new value at the programmed
slew rate. The PGOK monitor bit is deasserted during
the VREF ramp time, or when VOUT is outside the error
envelope.
FIGURE 3-1:
Positive Voltage Transition.
VREF 0.6V NSEL 0.0046875V
+
=
Where:
NSEL is the decimal value of the 7 VSEL bits.
(2)
VOUT
VREF
1
RTOP
RBOTTOM
----------------------- 
+
=
(3)
Where:
RTOP is the resistor connected from VOUT pin to output.
RBOTTOM is the resistor connected from VOUT pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com