Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet(PDF) 13 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 9Page - Microchip Technology LX7220 Datasheet HTML 10Page - Microchip Technology LX7220 Datasheet HTML 11Page - Microchip Technology LX7220 Datasheet HTML 12Page - Microchip Technology LX7220 Datasheet HTML 13Page - Microchip Technology LX7220 Datasheet HTML 14Page - Microchip Technology LX7220 Datasheet HTML 15Page - Microchip Technology LX7220 Datasheet HTML 16Page - Microchip Technology LX7220 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 13
LX7220
5ctrl1
1-d
TBD
4DLY_DIS
1
45 ms delay on PGOOD is enabled.
0-d
Disable 45 ms delay on PGOOD.
3
Reserved
1-d
—
0—
2
Reserved
1-d
—
0—
1
Reserved
1-d
—
0—
0MODE
0
PWM mode only – NO PSM.
1-d
Power Saving Mode – allows discontinuous conduction.
Vendor ID, Address 03h (Read Only)
7:4
VID[3:0]
0010
Microchip Vendor ID.
3:2
A1A0
00
Designates the client address version. These bits will correspond to the two
LSB bits.
1:0
VOUT
11
The default output voltage is 0.95V.
Ctrl2, Address 04h, (aka reg4)
7:6
Reserved
—
—
5GO
1
Writing to this bit starts a VOUT transition regardless of its initial value.
0-d
The VOUT is ramped to the default VSEL Value.
4
Discharge
1
When the regulator is disabled, the output voltage is discharged through the
SW pin.
0-d
When the regulator is disabled, the output voltage is not discharged.
3
PGOK
(read only)
1
Is high when output is in regulation and VREF has stabilized.
0
Is low during an output voltage transition or when the output is not in
regulation.
2:1
SLEW
——
——
01-d
VREF slews at 0.8 mV/μs.
——
10
VREF slews at 2.2 mV/μs.
——
11
VREF slews at 8.4 mV/μs.
——
0
Reserved
—
—
Note:
-d is the default value at start-up.
CONTROL REGISTER BIT DEFINITION (CONTINUED)
Bit
Name
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com