Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet(PDF) 2 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 2 Page - Microchip Technology

  LX7220 Datasheet HTML 1Page - Microchip Technology LX7220 Datasheet HTML 2Page - Microchip Technology LX7220 Datasheet HTML 3Page - Microchip Technology LX7220 Datasheet HTML 4Page - Microchip Technology LX7220 Datasheet HTML 5Page - Microchip Technology LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LX7220
DS20006704A-page 2
 2022 Microchip Technology Inc. and its subsidiaries
Functional Block Diagram
Typical Application Circuit
D3, D4, E3, E4
PGOOD
D1, D2, E1
VIN
SW
AGND
VOUT
SDA
AVIN
OCP
Hysteretic engine and
pulse skipping
Bandgap
Reference
Vbias
EN
SCL
GND
A4
B4
B2, B3, C1–C4
A1
A2
A3
B1
E2
Driver
10
Ω
1
μF
X5R
AVIN
2 x 22
μF
100 k
Ω
PGOOD
SCL
SDA
Power Good
VIN
EN
Enable
GND
AGND
0.47
μH
4 x 22
μF
X5R
VOUT
SW
Vo = 0.95V/6A
VIN = 3V – 5.5V
Connect SDA and SCL to
GND or VIN if unused
5, 6, 7, 8
4, 9
12
11
3, PAD
10
2
13
1
14
LX7220
Proprietary
Hysteretic
Control
I
2C
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com