Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet(PDF) 21 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 16Page - Microchip Technology LX7220 Datasheet HTML 17Page - Microchip Technology LX7220 Datasheet HTML 18Page - Microchip Technology LX7220 Datasheet HTML 19Page - Microchip Technology LX7220 Datasheet HTML 20Page - Microchip Technology LX7220 Datasheet HTML 21Page - Microchip Technology LX7220 Datasheet HTML 22Page - Microchip Technology LX7220 Datasheet HTML 23Page - Microchip Technology LX7220 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 21
LX7220
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LX7220:
Synchronous Buck Regulator with I2C Interface
Client Address
A1A0:
0=
E0h
1=
E2h
2=
E4h
3=
E6h
Output Voltage:
3
=
0.95V
2=
0.9
Temperature
Range:
I=
-40
C to +85C (Industrial)
Package:
LQ
=
14-Lead VQFN, 2 mm x 3 mm, RoHS compliant,
Pb-free
Tape and Reel
Option:
TR
= Tape and Reel (Note 2)
PART NO.
X
XX
Package
Temperature
Range
Device
Examples:
a)
LX7220-03ILQ-TR: LX7220, Client Address E0h,
0.95V Output Voltage,
Industrial Temperature,
14-Lead VQFN, 2 mm x 3 mm,
RoHS compliant, Pb-free,
Tape and Reel
-XX (Note 2)
Tape and Reel
Note
1:
Refer to Table 4-1.
2:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for
package availability with the Tape and Reel
option.
-X(Note 1)
Client
Address
X
Output
Voltage
A1A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com