Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet(PDF) 1 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 1 Page - Microchip Technology

  LX7220 Datasheet HTML 1Page - Microchip Technology LX7220 Datasheet HTML 2Page - Microchip Technology LX7220 Datasheet HTML 3Page - Microchip Technology LX7220 Datasheet HTML 4Page - Microchip Technology LX7220 Datasheet HTML 5Page - Microchip Technology LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 1
LX7220
Features
• Constant Frequency Hysteretic Control
• Extremely Fast Line/Load Transient Response
•I2C for Output Adjustment (3.4 Mbps)
• 1.2 MHz Switching Frequency
• Extremely Low-RDSON MOSFETs
• Input Voltage Rail 2.7V to 5.5V
• Greater than 6A Output Current
• Default Power Save Mode for Light-Load
Efficiency
• UVLO, OVP, OCP
• -40°C to +85°C Ambient Temperature
• Available in VQFN 2 mm x 3 mm 14-Lead
Package
• RoHS Compliant
Applications
• High Performance HDD
• Solid-State Drive
• Data Center Applications
• Raid/Host Bus Adaptors
• Optical Transceivers
General Description
LX7220 is a digitally-controlled step-down regulator IC
with an integrated 22 mΩ high-side P-channel
MOSFET and a 13 mΩ low-side N-channel MOSFET. It
features Microchip proprietary constant frequency
hysteretic control engine for near-instantaneous
correction to line/load transients. It does not require
high-ESR
output
capacitors
and
incorporates
energy-saving PSM (Power Save or Pulse Skip Mode)
at light loads, to extend battery life in mobile
applications.
LX7220 has an I2C serial interface port for output
voltage margining and monitoring if required (it can
also operate in default mode). In addition, it includes
robust fault monitoring functions.
LX7220 will operate from 2.7V to 5.5V and is available
in 0.95V or 0.9V output voltages (no voltage divider is
necessary). The output voltage can also be adjusted
with an input voltage of 5V and external voltage divider
up to 3.3V.
Package Types
VIN
VIN
GND
6
7
SDA 2
GND 3
SW
4
PG
1
VIN
5
12 VOUT
11 AGND
10
EN
9SW
8VIN
AVIN
14
SCL
13
VIN
VIN
GND
6
7
SDA
2
GND
3
SW
4
PG
1
VIN
5
12
VOUT
11
AGND
10
EN
9
SW
8
VIN
AVIN
14
SCL
13
LX7220
Top View
14-Lead, VQFN, 2 mm x 3 mm
LX7220
Bottom View
14-Lead, VQFN, 2 mm x 3 mm
2.7V to 5.5V, 6A Constant Frequency Hysteretic
Synchronous Buck Regulator with I2C


Similar Part No. - LX7220

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-15ISF MICROSEMI-LX7201-15ISF Datasheet
351Kb / 6P
EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-22ISF MICROSEMI-LX7201-22ISF Datasheet
351Kb / 6P
EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
EMI Filter & ESD Protection for Up Stream USB Ports
LX7202-15ISF MICROSEMI-LX7202-15ISF Datasheet
280Kb / 7P
EMI Filter & ESD Protection for Up Stream USB Ports
More results

Similar Description - LX7220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
6A, Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
6A, Adjustable Frequency Synchronous Buck Regulator
logo
ON Semiconductor
FAN2306MAMPX ONSEMI-FAN2306MAMPX Datasheet
1Mb / 22P
6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN2356AMPX ONSEMI-FAN2356AMPX Datasheet
1Mb / 21P
6A Synchronous Buck Regulator
Rev. 1.0
FAN23SV56AMPX ONSEMI-FAN23SV56AMPX Datasheet
1Mb / 23P
6A Synchronous Buck Regulator
Rev. 1.0
logo
Microsemi Corporation
LX7165 MICROSEMI-LX7165 Datasheet
1Mb / 24P
3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
Rev. 1.2
logo
Renesas Technology Corp
RAA808013 RENESAS-RAA808013 Datasheet
2Mb / 20P
2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Aug 19, 2022
RAA808015A RENESAS-RAA808015A Datasheet
1Mb / 25P
2.7V to 5.5V Input, 5A Synchronous Buck Regulators
Mar 2, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com