Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet(PDF) 3 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 3 Page - Microchip Technology

  LX7220 Datasheet HTML 1Page - Microchip Technology LX7220 Datasheet HTML 2Page - Microchip Technology LX7220 Datasheet HTML 3Page - Microchip Technology LX7220 Datasheet HTML 4Page - Microchip Technology LX7220 Datasheet HTML 5Page - Microchip Technology LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006704A-page 3
LX7220
Applications Specifics
Ordering Information
Efficiency
IOUT = 2.0A, VIN = 5V, VOUT = 3.3V
95%
IOUT = 4.0A, VIN = 5V, VOUT = 0.8V, Inductor (IHLP-2020CZ-01)
>84%
IOUT = 4.0A, VIN = 5V, VOUT = 0.9V, Inductor (SPM5015)
>83%
VOUT Max
Transient
100 mA
⇔ 4A, 1A/2 μs, CLOAD = 4 × 22 μF ceramic caps,
0.47 μH inductor. Step Duration 1 μs-50 μs.
Peak to peak < 80 mV
Typical Load
Inductance
IHLP2020CZ (DCR = 6.7 mΩ, IDC = 12.2A, ISAT = 16A)
SPM5015 (DCR = 16.3 mΩ, IDC = 7A, ISAT = 13.8A)
0.47 μF
Typical Load
Capacitance
6.3V, X5R
4×22 μF
VIN, VOUT Ripple Noise
Measurement (EMI)
IOUT = 5A, VIN = 5V, VOUT = 1V, Inductor (SPM5015)
<200 mVPP
<50 mVPP
Start-Up VIN inrush current
with VOUT pre-bias
VIN = 5V, RLOAD = 50Ω, CLOAD = 200 μF ceramic caps,
Enable f = 500 Hz, 90% duty cycle
<175 mAPEAK
Temperature Package Type
Part
Marking
Part Number
y-Output
Voltage
x-Client Address
A1A0 (Note 4)
Packaging
Type
–40°C to 85°C
VQFN,
2 mm x 3 mm
14-Lead,
RoHS
compliant,
Pb-free
MSCN
7220
LX7220-03ILQ-TR
3 = 0.95V
0 = E0h
Tape and Reel
MSCP
7220
LX7220-13ILQ-TR
1 = E2h
MSCR
7220
LX7220-23ILQ-TR
2 = E4h
MSCS
7220
LX7220-33ILQ-TR
3 = E6h
MSCJ
7220
LX7220-02ILQ-TR
2 = 0.9V
0 = E0h
MSCK
7220
LX7220-12ILQ-TR
1 = E2h
MSCL
7220
LX7220-22ILQ-TR
2 = E4h
MSCM
7220
LX7220-32ILQ-TR
3 = E6h
Note 1: Consult factory for other I2C client address and set output voltage options. (LX7220-xyILQ-TR).
2: “x” is the 2 LSB bits of the binary I2C client address (0 to 3).
3: “y” is the set output voltage (3 is 0.95V, 2 is 0.9V, 1 is 0.8, 0 is 0.85).
4: Refer to Table 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com