Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7220 Datasheet(PDF) 10 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 10 Page - Microchip Technology

Back Button LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology LX7220 Datasheet HTML 10Page - Microchip Technology LX7220 Datasheet HTML 11Page - Microchip Technology LX7220 Datasheet HTML 12Page - Microchip Technology LX7220 Datasheet HTML 13Page - Microchip Technology LX7220 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LX7220
DS20006704A-page 10
 2022 Microchip Technology Inc. and its subsidiaries
4.0
I2C INTERFACE
I2C Port Functional Description
• Simple two wire, bidirectional, serial
communication port.
• Multiple devices on same bus speeds from
400 kbps (FS-Mode) to 3.4 Mbps (HS-Mode).
• SOC Host controls bus.
• Device listens for the unique address that
precedes data.
4.1
General I2C Port Description
LX7220 includes an I2C compatible serial interface,
using two dedicated pins: SCL and SDA for I2C clock
and data respectively. Each line is externally pulled up
to a logic voltage when they are not being controlled by
a device on the bus. The LX7220 interface acts as an
I2C client that is clocked by the incoming SCL clock.
The LX7220 I2C port will support both the Fast mode
(400 kHz max) and typically the High Speed mode
(3.4 MHz max). The data on the SDA line must be
stable during the HIGH period of the clock signal (SCL).
The state of the SDA line can only be changed when
SCL is LOW (except for start, stop, and restart).
4.2
Register Map
LX7220 has five 8-bit user-accessible registers. See
Control Register Bit Definition.
4.3
Client Address
In the table below, the A1 and A0 are the binary value
of the address given in the ordering information for the
“x” value shown in Ordering Information.
4.4
START and STOP Commands
When the bus is idle, both SCL and SDA must be high
except in the power up case where they may be held
high or low during the system power up sequence.
The STX SOC (bus host) signals START and STOP
bits signify the beginning and the end of the I2C
transfer. The START condition is defined as the SDA
signal transitioning from HIGH to LOW while the SCL
line is HIGH. The STOP condition is defined as the
SDA transitioning from LOW to HIGH while the SCL is
HIGH. The STX SOC acts as the I2C host and always
generates the START and STOP bits. The I2C bus is
considered to be busy after START condition and free
after STOP condition. During data transfer, STX SOC
host can generate repeated START conditions. The
START and the repeated START conditions are
functionally equivalent.
4.5
Data Transfers
Data is transferred in 8-bit bytes by SDA with the MSB
transferred first. Each byte of data has to be followed by
an acknowledge (ACK) bit. The acknowledged related
clock pulse is generated by the host. The acknowledge
occurs when the transmitter host releases the SDA line
to a high state during the acknowledge clock. The SDA
line must be pulled down by the receiver client during
the 9th clock pulse to signify acknowledgment. A
receiver client which has been addressed must
generate an acknowledgement (“ACK”) after each byte
has been received.
After the START condition, the STX SOC (I2C) host
sends a chip address. The standard I2C address is
seven bits long. Making the eighth bit a data direction
bit (R/W). For the eighth bit (LSB), a “0” indicates a
WRITE and a “1” indicates a READ. (For clarification,
communications are broken up into 9-bit segments,
one byte followed by one bit for acknowledging.) The
second byte selects the register to which the data will
be written. The third byte contains data to write to the
selected register.
When a receiver client does not acknowledge the client
address, the data line must be left HIGH by the client.
The host can then generate a STOP command to abort
the transfer. If a client receiver does acknowledge the
client address but, sometime later in the transfer can-
not receive any more data bytes, the host must again
abort the transfer.
This is indicated by the client generating the not
acknowledge on the first byte to follow.
The client leaves the data line HIGH and the host
generates the STOP command. The data line is also
left high by the client and host after a client has
transmitted a byte of data to the host in a read
operation, but this is a not acknowledge that indicates
that the data transfer is successful.
4.6
Data Transfer Timing for Write
Commands
In order to help assure that bad data is not written into
the part, data from a write command is only stored after
a valid STOP command has been performed.
TABLE 4-1:
I2C CLIENT ADDRESS
76543210
11100
A1
A0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com