Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet (PDF) - Texas Instruments

LM5102 Datasheet PDF - Texas Instruments
Part # LM5102
Download  LM5102 Download
File Size   1232.21 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay

LM5102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5102 Datasheet PDF - Texas Instruments

Part # LM5102
Download  LM5102 Click to download

File Size   1232.21 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay

LM5102 Datasheet (HTML) - Texas Instruments


LM5102 Product details

1 Features
1• Drives Both a High-Side and Low-Side N-Channel
MOSFET
• Independently Programmable High and Low Side
Rising Edge Delay
• Bootstrap Supply Voltage Range up to 118 V dc
• Fast Turn-Off Propagation Delay (25 ns Typical)
• Drives 1000-pF Loads with 15-ns Rise and Fall
Times
• Supply Rail Undervoltage Lockout
• Low Power Consumption
• Timer Can Be Terminated Midway Through
Sequence

2 Applications
• Current Fed Push-Pull Power Converters
• Half and Full Bridge Power Converters
• Synchronous Buck Converters
• Two Switch Forward Power Converters
• Forward with Active Clamp Converters

3 Description
The LM5102 high-voltage gate driver is designed to
drive both the high side and the low side N-Channel
MOSFETs in a synchronous buck or a half bridge
configuration. The floating high-side driver is capable
of working with supply voltages up to 100 V. The
outputs are independently controlled. The rising edge
of each output can be independently delayed with a
programming resistor. An integrated high voltage
diode is provided to charge the high side gate drive
bootstrap capacitor. A robust level shifter operates at
high speed while consuming low power and providing
clean level transitions from control logic to the high
side gate driver. Undervoltage lockout is provided on both the low side and the high side power rails. This
device is available in the standard VSSOP 10 pin and
the WSON 10 pin packages.




Similar Part No. - LM5102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102MM NSC-LM5102MM Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102MM/NOPB TI1-LM5102MM/NOPB Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
National Semiconductor ...
LM5102MMX NSC-LM5102MMX Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
More results


Similar Description - LM5102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
SM74104 TI-SM74104 Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
LM5104 TI-LM5104_15 Datasheet
959Kb / 23P
High-Voltage Half-Bridge Gate Driver With Adaptive Delay
logo
Diodes Incorporated
DGD0506 DIODES-DGD0506 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
June 2021
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD05463 DIODES-DGD05463_V01 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 6 - 2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com