Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 4 Page - Texas Instruments

  LM5102 Datasheet HTML 1Page - Texas Instruments LM5102 Datasheet HTML 2Page - Texas Instruments LM5102 Datasheet HTML 3Page - Texas Instruments LM5102 Datasheet HTML 4Page - Texas Instruments LM5102 Datasheet HTML 5Page - Texas Instruments LM5102 Datasheet HTML 6Page - Texas Instruments LM5102 Datasheet HTML 7Page - Texas Instruments LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5102
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VDD to VSS
–0.3
18
V
VHB to VHS
–0.3
18
V
LI or HI Inputs to VSS
–0.3
VDD + 0.3
V
LO Output
–0.3
VDD + 0.3
V
HO Output
VHS – 0.3
VHB + 0.3
V
VHS to VSS
–1
100
V
VHB to VSS
118
V
RT1 and RT2 to VSS
–0.3
5
V
Junction Temperature
150
°C
Storage Temperature Range
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
9
14
V
HS
–1
100
V
HB
VHS + 8
VHS + 14
V
HS Slew Rate
< 50
V/ns
Junction Temperature
–40
125
°C
6.4 Thermal Information
LM5102
THERMAL METRIC(1)
DGS
DPR(2)
UNIT
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
165.3
37.9
RθJC(top)
Junction-to-case (top) thermal resistance
58.9
38.1
RθJB
Junction-to-board thermal resistance
54.4
14.9
°C/W
ψJT
Junction-to-top characterization parameter
6.2
0.4
ψJB
Junction-to-board characterization parameter
83.6
15.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
4.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
(2)
4 layer board with Cu finished thickness 1.5 oz, 1 oz, 1 oz, 1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x
50 mm ground and power planes embedded in PCB. See Application Note AN-1187 Leadless Leadframe Package (LLP) (SNOA401).
4
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com