Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5102 Datasheet HTML 6Page - Texas Instruments LM5102 Datasheet HTML 7Page - Texas Instruments LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments LM5102 Datasheet HTML 10Page - Texas Instruments LM5102 Datasheet HTML 11Page - Texas Instruments LM5102 Datasheet HTML 12Page - Texas Instruments LM5102 Datasheet HTML 13Page - Texas Instruments LM5102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DRIVER
DRIVER
LEVEL
SHIFT
UVLO
UVLO
HI
VDD
LI
VSS
HB
HO
HS
LO
HV
Adjustable
rising
edge delay
RT2
RT1
Adjustable
rising
edge delay
LM5102
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM5102 device offers a unique flexibility with independently programmable delay of the rising edge for both
high and low side driver outputs independently. The delays are set with resistors at the RT1 and RT2 pins, and
can be adjusted from 100 ns to 600 ns. This feature reduces component count, board space and cost compared
to discrete solutions for adjusting driver dead time. The wide delay programming range provides the flexibility to
optimize drive signal timing for a wide range of MOSFETs and applications.
The RT pins are biased at 3 V and current limited to 1 mA maximum programming current. The time delay
generator will accommodate resistor values from 5 k to 100 k with turn-on delay times that are proportional to the
RT resistance. In addition, each RT pin is monitored by a comparator that will bypass the turn-on delay if the RT
pin is pulled below the timer elimination threshold (1.8 V typical). Grounding the RT pins programs the LM5102 to
drive both outputs with minimum turn-on delay.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Startup and UVLO
Both top and bottom drivers include undervoltage lockout (UVLO) protection circuitry which monitors the supply
voltage (VDD) and bootstrap capacitor voltage (VHB – VHS) independently. The UVLO circuit inhibits each driver
until sufficient supply voltage is available to turn-on the external MOSFETs, and the built-in hysteresis prevents
chattering during supply voltage transitions. When the supply voltage is applied to VDD pin of LM5102, the top
and bottom gates are held low until VDD exceeds UVLO threshold, typically about 6.9 V. Any UVLO condition on
the bootstrap capacitor will disable only the high side output (HO).
7.4 Device Functional Modes
LI Pin
LO Pin
HI Pin
HO Pin
L
L
L
L
H
H
H
H
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com