Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5102 Datasheet HTML 9Page - Texas Instruments LM5102 Datasheet HTML 10Page - Texas Instruments LM5102 Datasheet HTML 11Page - Texas Instruments LM5102 Datasheet HTML 12Page - Texas Instruments LM5102 Datasheet HTML 13Page - Texas Instruments LM5102 Datasheet HTML 14Page - Texas Instruments LM5102 Datasheet HTML 15Page - Texas Instruments LM5102 Datasheet HTML 16Page - Texas Instruments LM5102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
0.1
1.0
10.0
100.0
1000.0
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
CL = 4400 pF
CL = 2200 pF
CL = 0 pF
CL = 470 pF
CL = 1000 pF
TEMPERATURE (
oC)
75
85
95
105
115
125
135
145
-50
-25
0
25
50
75
100 125 150
TDH
tP
TDH = tP + tRT1
tP
TDL
TDL = tP + tRT2
LI
HI
LO
HO
LM5102
www.ti.com
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
8.2.3 Application Curves
Figure 17. Application Timing Waveforms
Figure 18. Turn On Delay vs Temperature
(RT = 10 k)
9 Power Supply Recommendations
9.1 Power Dissipation Considerations
The total IC power dissipation is the sum of the gate driver losses and the bootstrap diode losses. The gate
driver losses are related to the switching frequency (f), output load capacitance on LO and HO (CL), and supply
voltage (VDD) and can be roughly calculated as shown in Equation 12.
PDGATES = 2 × f × CL × VDD
2
(12)
There are some additional losses in the gate drivers due to the internal CMOS stages used to buffer the LO and
HO outputs. The following plot shows the measured gate driver power dissipation versus frequency and load
capacitance. At higher frequencies and load capacitance values, the power dissipation is dominated by the
power losses driving the output loads and agrees well with the above equation. This plot can be used to
approximate the power losses due to the gate drivers.
Figure 19. Gate Driver Power Dissipation (LO + HO)
VCC = 12 V, Neglecting Diode Losses
The bootstrap diode power loss is the sum of the forward bias power loss that occurs while charging the
bootstrap capacitor and the reverse bias power loss that occurs during reverse recovery. Because each of these
events happens once per cycle, the diode power loss is proportional to frequency. Larger capacitive loads
require more current to recharge the bootstrap capacitor resulting in more losses. Higher input voltages (VIN) to
the half bridge result in higher reverse recovery losses. Figure 20 was generated based on calculations and lab
measurements of the diode recovery time and current under several operating conditions. This can be useful for
approximating the diode power dissipation.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com