Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5102 Datasheet HTML 7Page - Texas Instruments LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments LM5102 Datasheet HTML 10Page - Texas Instruments LM5102 Datasheet HTML 11Page - Texas Instruments LM5102 Datasheet HTML 12Page - Texas Instruments LM5102 Datasheet HTML 13Page - Texas Instruments LM5102 Datasheet HTML 14Page - Texas Instruments LM5102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
RGATE
CBOOT
HO
HS
LO
VSS
HB
LM5102
T1
(Optional external
fast recovery diode)
HI
LI
VDD
VIN
VCC
PWM
CONTROLLER
GND
VDD
OUT1
OUT2
0.1 2F
0.47 2F
RT1
RT2
LM5102
www.ti.com
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5102 is one of the latest generation of high voltage gate drivers which are designed to drive both the
high-side and low-side N-Channel MOSFETs in a half-bridge/full bridge configuration or in a synchronous buck
circuit. The floating high side driver is capable of operating with supply voltages up to 100 V. This allows for N-
Channel MOSFET control in half-bridge, full-bridge, push-pull, two switch forward and active clamp topologies.
In the LM5102 the outputs are independently controlled. The rising edge of each output can be independently
delayed with a programming resistor.
Table 1. LM5102 Highlights
FEATURE
BENEFIT
Allows optimisation of gate drive timings to account for device
Independently programmable high and low side delay
differences between high-side and low-side positions
Low power consumption
Improves light load efficiency figures
Internal bootstrap diode
Reduces parts count and PCB real estate
8.2 Typical Application
Figure 16. LM5102 Driving MOSFETS Connected in Half-Bridge Configuration
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com