Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 3 Page - Texas Instruments

  LM5102 Datasheet HTML 1Page - Texas Instruments LM5102 Datasheet HTML 2Page - Texas Instruments LM5102 Datasheet HTML 3Page - Texas Instruments LM5102 Datasheet HTML 4Page - Texas Instruments LM5102 Datasheet HTML 5Page - Texas Instruments LM5102 Datasheet HTML 6Page - Texas Instruments LM5102 Datasheet HTML 7Page - Texas Instruments LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
VDD
HB
HO
HS
LO
VSS
LI
HI
1
10
2
9
3
8
4
7
RT1
RT2
5
6
LM5102
www.ti.com
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
10 Pin
VSSOP (DGS), WSON (DPR)
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
APPLICATION INFORMATION
WSON(2),
NAME
VSSOP
Connect the positive terminal of bootstrap
capacitor to the HB pin and connect negative
HB
2
P
High-side gate driver bootstrap rail
terminal of bootstrap capacitor to HS. The
Bootstrap capacitor should be placed as close to
IC as possible.
TTL compatible thresholds. Unused inputs should
HI
7
I
High-side driver control input
be tied to ground and not left open.
Connect to gate of high-side MOSFET with short
HO
3
O
High-side gate driver output
low-inductance path.
Connect bootstrap capacitor negative terminal and
HS
4
P
High-side MOSFET source connection
source of high side MOSFET.
TTL compatible thresholds. Unused inputs should
LI
8
I
Low-side driver control input
be tied to ground and not left open.
Connect to the gate of the low side MOSFET with
LO
10
O
Low-side gate driver output
a short low inductance path.
Resistor from RT1 to ground programs the leading
High-side output edge delay
edge delay of the high side gate driver. The
RT1
5
A
programming
resistor should be placed close to the IC to
minimize noise coupling from adjacent traces.
Resistor from RT2 to ground programs the leading
Low-side output edge delay
edge delay of the low side gate driver. The
RT2
6
A
programming
resistor should be placed close to the IC to
minimize noise coupling from adjacent traces.
Locally decouple to VSS using low ESR/ESL
VDD
1
P
Positive gate drive supply
capacitor, located as close to IC as possible.
VSS
9
G
Ground return
All signals are referenced to this ground.
(1)
P = Power, G = Ground, I = Input, O = Output, A = Analog
(2)
For the WSON package, it is recommended that the exposed pad on the bottom of the LM5100 and LM5101 be soldered to ground
plane on the PC board, and the ground plane should extend out from beneath the IC to help dissipate the heat.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com