Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5102 Datasheet HTML 10Page - Texas Instruments LM5102 Datasheet HTML 11Page - Texas Instruments LM5102 Datasheet HTML 12Page - Texas Instruments LM5102 Datasheet HTML 13Page - Texas Instruments LM5102 Datasheet HTML 14Page - Texas Instruments LM5102 Datasheet HTML 15Page - Texas Instruments LM5102 Datasheet HTML 16Page - Texas Instruments LM5102 Datasheet HTML 17Page - Texas Instruments LM5102 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
10.0 kHz
100.0 kHz
1000.0 kHz
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
1.0 kHz
CL = 0 pF
CL = 4400 pF
10.0 kHz
100.0 kHz
1000.0 kHz
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
1.0 kHz
CL = 0 pF
CL = 4400 pF
LM5102
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
www.ti.com
Power Dissipation Considerations (continued)
Figure 20. Diode Power Dissipation VIN = 80 V
Figure 21. Diode Power Dissipation VIN = 40 V
The total IC power dissipation can be estimated from the above plots by summing the gate drive losses with the
bootstrap diode losses for the intended application. Because the diode losses can be significant, an external
diode placed in parallel with the internal bootstrap diode (refer to Figure 16) and can be helpful in removing
power from the IC. For this to be effective, the external diode must be placed close to the IC to minimize series
inductance and have a significantly lower forward voltage drop than the internal diode.
10 Layout
10.1 Layout Guidelines
The optimum performance of high and low side gate drivers cannot be achieved without taking due
considerations during circuit board layout. Following points are emphasized.
1. A low ESR/ESL capacitor must be connected close to the IC, and between VDD and VSS pins and between
HB and HS pins to support high peak currents being drawn from VDD during turn-on of the external MOSFET.
2. To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor must be
connected between MOSFET drain and ground (VSS).
3. In order to avoid large negative transients on the switch node (HS) pin, the parasitic inductances in the
source of top MOSFET and in the drain of the bottom MOSFET (synchronous rectifier) must be minimized.
4. Grounding considerations:
–
The first priority in designing grounding connections is to confine the high peak currents from charging
and discharging the MOSFET gate in a minimal physical area. This will decrease the loop inductance and
minimize noise issues on the gate terminal of the MOSFET. The MOSFETs should be placed as close as
possible to the gate driver.
–
The second high current path includes the bootstrap capacitor, the bootstrap diode, the local ground
referenced bypass capacitor and low side MOSFET body diode. The bootstrap capacitor is recharged on
the cycle-by-cycle basis through the bootstrap diode from the ground referenced VDD bypass capacitor.
The recharging occurs in a short time interval and involves high peak current. Minimizing this loop length
and area on the circuit board is important to ensure reliable operation.
5. The resistors on the RT1 and RT2 timer pins must be placed very close to the IC and seperated from high
current paths to avoid noise coupling to the time delay generator which could disrupt timer operation.
14
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com