Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 5 Page - Texas Instruments

  LM5102 Datasheet HTML 1Page - Texas Instruments LM5102 Datasheet HTML 2Page - Texas Instruments LM5102 Datasheet HTML 3Page - Texas Instruments LM5102 Datasheet HTML 4Page - Texas Instruments LM5102 Datasheet HTML 5Page - Texas Instruments LM5102 Datasheet HTML 6Page - Texas Instruments LM5102 Datasheet HTML 7Page - Texas Instruments LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM5102
www.ti.com
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
Specifications in standard typeface are for TJ = +25°C. Unless otherwise specified, VDD = VHB = 12 V, VSS = VHS = 0V, RT1 =
RT2 = 100 k
Ω. No load on LO or HO.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
SUPPLY CURRENTS
LI = HI = 0 V
0.4
IDD
VDD Quiescent Current
mA
LI = HI = 0 V, –40°C to +125°C
0.6
f = 500 kHz
1.5
IDDO
VDD Operating Current
mA
f = 500 kHz, –40°C to +125°C
3
LI = HI = 0 V
0.06
IHB
Total HB Quiescent Current
mA
LI = HI = 0 V, –40°C to +125°C
0.2
f = 500 kHz
1.3
IHBO
Total HB Operating Current
mA
f = 500 kHz, –40°C to +125°C
3
VHS = VHB = 100 V
0.05
IHBS
HB to VSS Current, Quiescent
µA
VHS = VHB = 100 V, –40°C to
10
+125°C
IHBSO
HB to VSS Current, Operating
f = 500 kHz
0.08
mA
INPUT PINS
1.8
VIL
Low Level Input Voltage Threshold
V
–40°C to +125°C
0.8
1.8
VIH
High Level Input Voltage Threshold
V
–40°C to +125°C
2.2
200
RI
Input Pulldown Resistance
k
Ω
–40°C to +125°C
100
500
TIME DELAY CONTROLS
3
VRT
Nominal Voltage at RT1, RT2
V
–40°C to +125°C
2.7
3.3
RT1 = RT2 = 0 V
1.5
IRT
RT Pin Current Limit
mA
RT1 = RT2 = 0 V, –40°C to +125°C
0.75
2.25
Vth
Timer Termination Threshold
1.8
V
105
Rising edge turn-on delay, RT = 10
TDL1, TDH1
ns
k
Ω
–40°C to +125°C
75
150
630
Rising edge turn-on delay, RT = 100
TDL2, TDH2
ns
k
Ω
–40°C to +125°C
530
750
UNDER VOLTAGE PROTECTION
6.9
VDDR
VDD Rising Threshold
V
–40°C to +125°C
6.0
7.4
VDDH
VDD Threshold Hysteresis
0.5
V
6.6
VHBR
HB Rising Threshold
V
–40°C to +125°C
5.7
7.1
VHBH
HB Threshold Hysteresis
0.4
V
BOOTSTRAP DIODE
IVDD-HB = 100 µA
0.60
VDL
Low-Current Forward Voltage
V
IVDD-HB = 100 µA, –40°C to +125°C
0.9
IVDD-HB = 100 mA
0.85
VDH
High-Current Forward Voltage
V
IVDD-HB = 100 mA, –40°C to +125°C
1.1
(1)
MIN and MAX limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com