Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5102 Datasheet HTML 3Page - Texas Instruments LM5102 Datasheet HTML 4Page - Texas Instruments LM5102 Datasheet HTML 5Page - Texas Instruments LM5102 Datasheet HTML 6Page - Texas Instruments LM5102 Datasheet HTML 7Page - Texas Instruments LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments LM5102 Datasheet HTML 10Page - Texas Instruments LM5102 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2
4
6
8
10
12
HO, LO (V)
0
SINKING
SOURCING
VDD = VHB = 12V, HS = 0V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12V,
HS = 0V
CL = 470 pF
CL = 0 pF
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
8
9
10 11 12 13 14 15 16 17 18
VDD, VHB (V)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
IDD, RT = 10k
IDD, RT = 100k
IHB, RT = 10k, 100k
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
IHB, RT = 10k, 100k
IDD, RT = 100k
IDD, RT = 10k
1
10
100
1000
FREQUENCY (kHz)
1
10
100
VDD = 12V
RT = 10k
CL = 0 pF
CL = 470 pF
CL = 1000 pF
CL = 2200 pF
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
IDDO
IHBO
LM5102
www.ti.com
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
6.7 Typical Characteristics
Figure 1. IDD vs Frequency
Figure 2. Operating Current vs Temperature
Figure 4. Quiescent Current vs Temperature
Figure 3. Quiescent Current vs Supply Voltage
Figure 5. IHB vs Frequency
Figure 6. HO and LO Peak Output Current vs Output Voltage
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com