Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 1 Page - Texas Instruments

  LM5102 Datasheet HTML 1Page - Texas Instruments LM5102 Datasheet HTML 2Page - Texas Instruments LM5102 Datasheet HTML 3Page - Texas Instruments LM5102 Datasheet HTML 4Page - Texas Instruments LM5102 Datasheet HTML 5Page - Texas Instruments LM5102 Datasheet HTML 6Page - Texas Instruments LM5102 Datasheet HTML 7Page - Texas Instruments LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DRIVER
DRIVER
LEVEL
SHIFT
UVLO
UVLO
HI
VDD
LI
VSS
HB
HO
HS
LO
HV
Adjustable
rising
edge delay
RT2
RT1
Adjustable
rising
edge delay
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5102
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
1 Features
3 Description
The LM5102 high-voltage gate driver is designed to
1
•
Drives Both a High-Side and Low-Side N-Channel
drive both the high side and the low side N-Channel
MOSFET
MOSFETs in a synchronous buck or a half bridge
•
Independently Programmable High and Low Side
configuration. The floating high-side driver is capable
Rising Edge Delay
of working with supply voltages up to 100 V. The
outputs are independently controlled. The rising edge
•
Bootstrap Supply Voltage Range up to 118 V dc
of each output can be independently delayed with a
•
Fast Turn-Off Propagation Delay (25 ns Typical)
programming resistor. An integrated high voltage
•
Drives 1000-pF Loads with 15-ns Rise and Fall
diode is provided to charge the high side gate drive
Times
bootstrap capacitor. A robust level shifter operates at
•
Supply Rail Undervoltage Lockout
high speed while consuming low power and providing
clean level transitions from control logic to the high
•
Low Power Consumption
side gate driver. Undervoltage lockout is provided on
•
Timer Can Be Terminated Midway Through
both the low side and the high side power rails. This
Sequence
device is available in the standard VSSOP 10 pin and
the WSON 10 pin packages.
2 Applications
Device Information(1)
•
Current Fed Push-Pull Power Converters
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Half and Full Bridge Power Converters
VSSOP (10)
3.00 mm × 3.00 mm
•
Synchronous Buck Converters
LM5102
WSON (10)
4.00 mm × 4.00 mm
•
Two Switch Forward Power Converters
(1) For all available packages, see the orderable addendum at
•
Forward with Active Clamp Converters
the end of the data sheet.
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102MM NSC-LM5102MM Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102MM/NOPB TI1-LM5102MM/NOPB Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
National Semiconductor ...
LM5102MMX NSC-LM5102MMX Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
More results

Similar Description - LM5102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
SM74104 TI-SM74104 Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
LM5104 TI-LM5104_15 Datasheet
959Kb / 23P
High-Voltage Half-Bridge Gate Driver With Adaptive Delay
logo
Diodes Incorporated
DGD0506 DIODES-DGD0506 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
June 2021
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD05463 DIODES-DGD05463_V01 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 6 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com