Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5102 Datasheet HTML 2Page - Texas Instruments LM5102 Datasheet HTML 3Page - Texas Instruments LM5102 Datasheet HTML 4Page - Texas Instruments LM5102 Datasheet HTML 5Page - Texas Instruments LM5102 Datasheet HTML 6Page - Texas Instruments LM5102 Datasheet HTML 7Page - Texas Instruments LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments LM5102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LM5102
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Specifications in standard typeface are for TJ = +25°C. Unless otherwise specified, VDD = VHB = 12 V, VSS = VHS = 0V, RT1 =
RT2 = 100 k
Ω. No load on LO or HO.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
IVDD-HB = 100 mA
0.8
RD
Dynamic Resistance
Ω
IVDD-HB = 100 mA, –40°C to +125°C
1.5
LO GATE DRIVER
ILO = 100 mA
0.25
VOLL
Low-Level Output Voltage
V
ILO = 100 mA, –40°C to +125°C
0.4
ILO = –100 mA, VOHL = VDD – VLO
0.35
VOHL
High-Level Output Voltage
V
ILO = –100 mA, VOHL = VDD – VLO,
0.55
–40°C to +125°C
IOHL
Peak Pullup Current
VLO = 0 V
1.6
A
IOLL
Peak Pulldown Current
VLO = 12 V
1.8
A
HO GATE DRIVER
IHO = 100 mA
0.25
VOLH
Low-Level Output Voltage
V
IHO = 100 mA, –40°C to +125°C
0.4
IHO = –100 mA, VOHH = VHB – VHO
0.35
VOHH
High-Level Output Voltage
V
IHO = –100 mA, VOHH = VHB – VHO,
0.55
–40°C to +125°C
IOHH
Peak Pullup Current
VHO = 0 V
1.6
A
IOLH
Peak Pulldown Current
VHO = 12 V
1.8
A
6.6 Switching Characteristics
Specifications in standard typeface are for TJ = +25°C. Unless otherwise specified, VDD = VHB = 12 V, VSS = VHS = 0 V, No
Load on LO or HO.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
27
Lower Turn-Off Propagation Delay LM5102
tLPHL
ns
(LI Falling to LO Falling)
–40°C to +125°C
56
27
Upper Turn-Off Propagation Delay LM5102
tHPHL
ns
(HI Falling to HO Falling)
–40°C to +125°C
56
tRC, tFC
Either Output Rise/Fall Time
CL = 1000 pF
15
ns
tR, tF
Either Output Rise/Fall Time (3 V to 9 V)
CL = 0.1 µF
0.6
µs
tBS
Bootstrap Diode Turn-Off Time
IF = 20 mA, IR = 200 mA
50
ns
(1)
MIN and MAX limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com