Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet (PDF) - Analog Devices

LTC1992 Datasheet PDF - Analog Devices
Part # LTC1992
Download  LTC1992 Download
File Size   496.26 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Fully Differential Input/Output Amplifier/Driver Family

LTC1992 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1992 Datasheet PDF - Analog Devices

Part # LTC1992
Download  LTC1992 Click to download

File Size   496.26 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Fully Differential Input/Output Amplifier/Driver Family

LTC1992 Datasheet (HTML) - Analog Devices


LTC1992 Product details

FEATURES
n Available with Adjustable Gain or Fixed Gain of 1,
2, 5 or 10
n ±0.3% (Max) Gain Error from –40°C to 85°C
n 3.5ppm/°C Gain Temperature Coefficient
n 5ppm Gain Long Term Stability
n Fully Differential Input and Output
n CLOAD Stable up to 10,000pF
n Adjustable Output Common Mode Voltage
n Rail-to-Rail Output Swing
n Low Supply Current: 1mA (Max)
n High Output Current: 10mA (Min)
n Specified on a Single 2.7V to ±5V Supply
n DC Offset Voltage <2.5mV (Max)
n Available in 8-Lead MSOP Package




Similar Part No. - LTC1992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1992 LINER-LTC1992 Datasheet
143Kb / 8P
2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LTC1992 LINER-LTC1992 Datasheet
513Kb / 40P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
LTC1992 LINER-LTC1992 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC1992 LINER-LTC1992 Datasheet
416Kb / 24P
16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC1992 LINER-LTC1992 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
More results


Similar Description - LTC1992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC1992 LINER-LTC1992 Datasheet
513Kb / 40P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
Fully differential input/output
14-Aug-2009
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com