Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 2 Page - Analog Devices

  LTC1992 Datasheet HTML 1Page - Analog Devices LTC1992 Datasheet HTML 2Page - Analog Devices LTC1992 Datasheet HTML 3Page - Analog Devices LTC1992 Datasheet HTML 4Page - Analog Devices LTC1992 Datasheet HTML 5Page - Analog Devices LTC1992 Datasheet HTML 6Page - Analog Devices LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LTC1992 Family
2
1992fb
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (+VS to –VS).............................12V
Maximum Voltage
on any Pin................ (–VS – 0.3V) ≤ VPIN ≤ (+VS + 0.3V)
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 5)
LTC1992CMS8/LTC1992-XCMS8/
LTC1992IMS8/LTC1992-XIMS8 ........... –40°C to 85°C
LTC1992HMS8/LTC1992-XHMS8 ...... –40°C to 125°C
(Note 1)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC1992CMS8#PBF
LTC1992CMS8#TRPBF
LTYU
8-Lead Plastic MSOP
0°C to 70°C
LTC1992IMS8#PBF
LTC1992IMS8#TRPBF
LTYU
8-Lead Plastic MSOP
–40°C to 85°C
LTC1992HMS8#PBF
LTC1992HMS8#TRPBF
LTYU
8-Lead Plastic MSOP
–40°C to 125°C
LTC1992-1CMS8#PBF
LTC1992-1CMS8#TRPBF
LTACJ
8-Lead Plastic MSOP
0°C to 70°C
LTC1992-1IMS8#PBF
LTC1992-1IMS8#TRPBF
LTACJ
8-Lead Plastic MSOP
–40°C to 85°C
LTC1992-1HMS8#PBF
LTC1992-1HMS8#TRPBF
LTACJ
8-Lead Plastic MSOP
–40°C to 125°C
LTC1992-2CMS8#PBF
LTC1992-2CMS8#TRPBF
LTYV
8-Lead Plastic MSOP
0°C to 70°C
LTC1992-2IMS8#PBF
LTC1992-2IMS8#TRPBF
LTYV
8-Lead Plastic MSOP
–40°C to 85°C
LTC1992-2HMS8#PBF
LTC1992-2HMS8#TRPBF
LTYV
8-Lead Plastic MSOP
–40°C to 125°C
LTC1992-5CMS8#PBF
LTC1992-5CMS8#TRPBF
LTACK
8-Lead Plastic MSOP
0°C to 70°C
LTC1992-5IMS8#PBF
LTC1992-5IMS8#TRPBF
LTACK
8-Lead Plastic MSOP
–40°C to 85°C
LTC1992-5HMS8#PBF
LTC1992-5HMS8#TRPBF
LTACK
8-Lead Plastic MSOP
–40°C to 125°C
LTC1992-10CMS8#PBF
LTC1992-10CMS8#TRPBF
LTACL
8-Lead Plastic MSOP
0°C to 70°C
LTC1992-10IMS8#PBF
LTC1992-10IMS8#TRPBF
LTACL
8-Lead Plastic MSOP
–40°C to 85°C
LTC1992-10HMS8#PBF
LTC1992-10HMS8#TRPBF
LTACL
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 6)
LTC1992CMS8/LTC1992-XCMS8 ............. 0°C to 70°C
LTC1992IMS8/LTC1992-XIMS8 ........... –40°C to 85°C
LTC1992HMS8/LTC1992-XHMS8 ...... –40°C to 125°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
LTC1992
LTC1992-X
1
2
3
4
–IN
VOCM
+VS
+OUT
8
7
6
5
+IN
VMID
–VS
–OUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
+
–
–
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
–IN
VOCM
+VS
+OUT
8
7
6
5
+IN
VMID
–VS
–OUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
+
–
–
TJMAX = 150°C, θJA = 250°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com