Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 38 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 34Page - Analog Devices LTC1992 Datasheet HTML 35Page - Analog Devices LTC1992 Datasheet HTML 36Page - Analog Devices LTC1992 Datasheet HTML 37Page - Analog Devices LTC1992 Datasheet HTML 38Page - Analog Devices LTC1992 Datasheet HTML 39Page - Analog Devices LTC1992 Datasheet HTML 40Page - Analog Devices LTC1992 Datasheet HTML 41Page - Analog Devices LTC1992 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
LTC1992 Family
38
1992fb
TYPICAL APPLICATIONS
Interfacing a Bipolar, Ground Referenced, Single-Ended Signal to a Unipolar Single Supply,
Differential Input ADC (VIN = 0V Gives a Digital Mid-Scale Code)
Compact, Unipolar Serial Data Conversion
Zero Components, Single-Ended Adder/Subtracter
–
–
+
+
LTC1992
3
6
VOCM
VMID
0.1μF
100pF
7
6
5
13.3k
40k
4
5
2
7
8
1
10k
10k
5V
13.3k
40k
5V
10k
10k
100Ω
100Ω
0.1μF
+IN
VREF
VCC
2
18
3
4
1992 TA02a
–IN
1μF
SCK
SDO
CONV
LTC1864
SERIAL
DATA
LINK
GND
0V
VIN
2.5V
–2.5V
–
–
+
+
LTC1992-2
3
6
VOCM
VMID
0.1μF
100pF
7
6
5
4
5
2
7
8
1
100Ω
5V
100Ω
0.1μF
+IN
VREF
VCC
2
18
3
4
1992 TA03a
–IN
1μF
SCK
SDO
CONV
LTC1864
SERIAL
DATA
LINK
GND
VIN
2.5V
0V
–
–
+
+
V1 = VB + VC – VA
V2 = VB + VA – VC
VA
1
4
0.1μF
3
+VS
–VS
6
5
2
8
VC
VB
VOCM LTC1992-2
0.1μF
1992 TA04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com