Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 34Page - Analog Devices LTC1992 Datasheet HTML 35Page - Analog Devices LTC1992 Datasheet HTML 36Page - Analog Devices LTC1992 Datasheet HTML 37Page - Analog Devices LTC1992 Datasheet HTML 38Page - Analog Devices LTC1992 Datasheet HTML 39Page - Analog Devices LTC1992 Datasheet HTML 40Page - Analog Devices LTC1992 Datasheet HTML 41Page - Analog Devices LTC1992 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
LTC1992 Family
42
1992fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0611 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1167
Precision Instrumentation Amplifier
Single Resistor Sets the Gain
LT1990
High Voltage, Gain Selectable Difference Amplifier
±250V Common Mode, Micropower, Selectable Gain = 1, 10
LT1991
Precision Gain Selectable Difference Amplifier
Micropower, Pin Selectable Gain = –13 to 14
LT1995
High Speed Gain Selectable Difference Amplifier
30MHz, 1000V/μs, Pin Selectable Gain = –7 to 8
LT6600-X
Differential In/Out Amplifier Lowpass Filter
Very Low Noise, Standard Differential Amplifier Pinout
BNC
VINP
–
–
+
+
1
4
7
8
11
4
12
17
13
14
16
0.1μF
V+
1/2 LTC1043
3
5V
–5V
6
5
2
8
VOCM
7
BNC
VINP
VOCM
VMID
LTC1992
0.1μF
0.1μF
CLK
V–
0.1μF
1992 TA05a
0.1μF
CLK
0.1μF
–
–
+
+
1
4
3
6
5
2
8
VOCM
7
VMID
LTC1992
BNC
VOUTM
BNC
VOUTP
60kHz LOW PASS FILTER
SAMPLER
2kHz LOWPASS FILTER
9.53k
9.53k
9.53k
37.4k
60.4k
37.4k
60.4k
9.53k
8.87k
8.87k
75k
75k
120pF
120pF
390pF
390pF
330pF
180pF
0.1μF
10k
Balanced Frequency Converter (Suitable for Frequencies up to 50kHz)
0V
0V
0V
0V
200μs/DIV
VINP = 24kHz
(1V/DIV)
VOUTP = 1kHz
(0.5V/DIV)
VOUTM = 1kHz
(0.5V/DIV)
CLK = 25kHz
(LOGIC SQUARE WAVE)
(5V/DIV)
1992 TA05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com