Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 21Page - Analog Devices LTC1992 Datasheet HTML 22Page - Analog Devices LTC1992 Datasheet HTML 23Page - Analog Devices LTC1992 Datasheet HTML 24Page - Analog Devices LTC1992 Datasheet HTML 25Page - Analog Devices LTC1992 Datasheet HTML 26Page - Analog Devices LTC1992 Datasheet HTML 27Page - Analog Devices LTC1992 Datasheet HTML 28Page - Analog Devices LTC1992 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
LTC1992 Family
25
1992fb
BLOCK DIAGRAMS (1992-X)
–
–
+
+
+VS
+VS
–IN
VMID
+IN
–VS
+VS
–VS
–VS
+OUT
–OUT
VOCM
200k
200k
RIN
RFB
RIN
RFB
4
5
2
6
1
3
7
8
1992-X BD
PART
LTC1992-1
LTC1992-2
LTC1992-5
LTC1992-10
RIN
30k
30k
30k
15k
RFB
30k
60k
150k
150k
APPLICATIONS INFORMATION
Theory of Operation
The LTC1992 family consists of five fully differential, low
power amplifiers. The LTC1992 is an unconstrained fully
differential amplifier. The LTC1992-1, LTC1992-2, LTC1992-
5 and LTC1992-10 are fixed gain blocks (with gains of
1, 2, 5 and 10 respectively) featuring precision on-chip
resistors for accurate and ultra stable gain.
In many ways, a fully differential amplifier functions much
like the familiar, ubiquitous op amp. However, there are
several key areas where the two differ. Referring to Figure 1,
an op amp has a differential input, a high open-loop gain
and utilizes negative feedback (through resistors) to set
the closed-loop gain and thus control the amplifier’s gain
with great precision. A fully differential amplifier has all of
these features plus an additional input and a complemen-
tary output. The complementary output reacts to the input
signal in the same manner as the other output, but in the
opposite direction. Two outputs changing in an equal but
opposite manner require a common reference point (i.e.,
opposite relative to what?). The additional input, the VOCM
pin, sets this reference point. The voltage on the VOCM input
directly sets the output signal’s common mode voltage and
allows the output signal’s common mode voltage to be
set completely independent of the input signal’s common
mode voltage. Uncoupling the input and output common
mode voltages makes signal level shifting easy.
For a better understanding of the operation of a fully dif-
ferential amplifier, refer to Figure 2. Here, the LTC1992
functional block diagram adds external resistors to real-
ize a basic gain block. Note that the LTC1992 functional
block diagram is not an exact replica of the LTC1992
circuitry. However, the Block Diagram is correct and is
a very good tool for understanding the operation of fully
differential amplifier circuits. Basic op amp fundamentals
together with this block diagram provide all of the tools
needed for understanding fully differential amplifier circuit
applications.
The LTC1992 Block Diagram has two op amps, two sum-
ming blocks (pay close attention the signs) and four resis-
tors. Two resistors, RMID1 and RMID2, connect directly to
the VMID pin and simply provide a convenient mid-supply
reference. Its use is optional and it is not involved in the
operation of the LTC1992’s amplifier. The LTC1992 functions
through the use of two servo networks each employing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com