Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 9Page - Analog Devices LTC1992 Datasheet HTML 10Page - Analog Devices LTC1992 Datasheet HTML 11Page - Analog Devices LTC1992 Datasheet HTML 12Page - Analog Devices LTC1992 Datasheet HTML 13Page - Analog Devices LTC1992 Datasheet HTML 14Page - Analog Devices LTC1992 Datasheet HTML 15Page - Analog Devices LTC1992 Datasheet HTML 16Page - Analog Devices LTC1992 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LTC1992 Family
13
1992fb
TYPICAL PERFORMANCE CHARACTERISTICS
Single-Ended Input Large-Signal
Step Response
Single-Ended Input Large-Signal
Step Response
Power Supply Rejection Ratio
vs Frequency
Differential Input Small-Signal
Step Response
Differential Input Small-Signal
Step Response
Output Balance vs Frequency
Differential Input Large-Signal
Step Response
Differential Input Large-Signal
Step Response
Common Mode Rejection Ratio
vs Frequency
Applicable to the LTC1992-1 only.
2μs/DIV
1992 G46
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
+VIN = ±1.5V
–VIN = 1.5V
CLOAD = 0pF
0V
20μs/DIV
1992 G47
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
+VIN = ±1.5V
–VIN = 1.5V
CLOAD = 10000pF
CLOAD = 1000pF
0V
FREQUENCY (Hz)
30
90
100
20
10
80
50
70
60
40
100
10k
100k
1M
1992 G48
0
1k
ΔVAMPCM
ΔVAMPDIFF
2μs/DIV
1992 G49
+VS = 5V
–VS = 0V
VOCM = 2.5V
+VIN = 0V TO 4V
–VIN = 2V
CLOAD = 0pF
2.5V
20μs/DIV
1992 G50
+VS = 5V
–VS = 0V
VOCM = 2.5V
+VIN = 0V TO 4V
–VIN = 2V
CLOAD = 10000pF
CLOAD = 1000pF
2.5V
FREQUENCY (Hz)
10
40
50
60
70
80
100
1k
10k
100k
1M
1992 G51
30
20
10
0
90
100
–VS
+VS
ΔVS
ΔVAMPDIFF
1μs/DIV
1992 G52
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
+VIN = ±50mV
–VIN = 50mV
CLOAD = 0pF
0V
10μs/DIV
1992 G53
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
+VIN = ±50mV
–VIN = 50mV
CLOAD = 10000pF
CLOAD = 1000pF
0V
FREQUENCY (Hz)
110
–40
–60
–80
100
1k
10k
100k
1M
1992 G54
–20
0
–100
ΔVOUTCM
ΔVOUTDIFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com