Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 17Page - Analog Devices LTC1992 Datasheet HTML 18Page - Analog Devices LTC1992 Datasheet HTML 19Page - Analog Devices LTC1992 Datasheet HTML 20Page - Analog Devices LTC1992 Datasheet HTML 21Page - Analog Devices LTC1992 Datasheet HTML 22Page - Analog Devices LTC1992 Datasheet HTML 23Page - Analog Devices LTC1992 Datasheet HTML 24Page - Analog Devices LTC1992 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LTC1992 Family
21
1992fb
TYPICAL PERFORMANCE CHARACTERISTICS Applicable to the LTC1992-10 only.
Differential Input Offset Voltage
vs Input Common Mode Voltage
Differential Input Offset Voltage
vs Input Common Mode Voltage
Differential Input Offset Voltage
vs Input Common Mode Voltage
Differential Gain Error
vs Temperature
VOCM Gain vs Frequency
Differential Input Differential
Gain vs Frequency, VS = ±2.5V
Single-Ended Input Differential
Gain vs Frequency, VS = ±2.5V
Differential Phase Response
vs Frequency
FREQUENCY (kHz)
10
–30
–20
–10
0
10
100
1000
10000
1992 G104
–40
–50
–60
20
30
40
CLOAD = 10000pF
CLOAD = 5000pF
CLOAD = 1000pF
CLOAD = 500pF
CLOAD = 100pF
CLOAD = 50pF
CLOAD = 10pF
FREQUENCY (kHz)
10
–30
–20
–10
0
10
100
1000
10000
1992 G105
–40
–50
–60
20
30
40
CLOAD = 10000pF
CLOAD = 5000pF
CLOAD = 1000pF
CLOAD = 500pF
CLOAD = 100pF
CLOAD = 50pF
CLOAD = 10pF
FREQUENCY (kHz)
10
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
100
1000
1992 G106
10pF
50pF
100pF
500pF
1000pF
5000pF
10000pF
CLOAD =
TEMPERATURE (°C)
–50
0.050
0.025
0
–0.025
–0.050
–0.075
–0.100
–0.125
–0.150
–0.175
–0.200
0
50
75
1992 G107
–25
25
100
125
FREQUENCY (kHz)
10
–10
–5
0
5
100
1000
10000
1992 G108
–15
–20
–25
–30
CLOAD = 10pF TO 10000pF
COMMON MODE VOLTAGE (V)
0
1922 G109
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
125°C
–40°C
85°C
25°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
+VS = 2.7V
–VS = 0V
VOCM = 1.35V
COMMON MODE VOLTAGE (V)
0
1922 G110
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
125°C
–40°C
85°C
25°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
+VS = 5V
–VS = 0V
VOCM = 2.5V
COMMON MODE VOLTAGE (V)
–5
1922 G111
–4
–3 –2 –1
0
1
2
3
4
5
125°C
–40°C
85°C
25°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
+VS = 5V
–VS = –5V
VOCM = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com