Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 10Page - Analog Devices LTC1992 Datasheet HTML 11Page - Analog Devices LTC1992 Datasheet HTML 12Page - Analog Devices LTC1992 Datasheet HTML 13Page - Analog Devices LTC1992 Datasheet HTML 14Page - Analog Devices LTC1992 Datasheet HTML 15Page - Analog Devices LTC1992 Datasheet HTML 16Page - Analog Devices LTC1992 Datasheet HTML 17Page - Analog Devices LTC1992 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
LTC1992 Family
14
1992fb
TYPICAL PERFORMANCE CHARACTERISTICS
Single-Ended Input Small-Signal
Step Response
Single-Ended Input Small-Signal
Step Response
Differential Noise Voltage Density
vs Frequency
THD + Noise vs Frequency
THD + Noise vs Amplitude
Applicable to the LTC1992-1 only.
1μs/DIV
1992 G55
+VS = 5V
–VS = 0V
VOCM = 2.5V
+VIN = 0V TO 200mV
–VIN = 100mV
CLOAD = 0pF
2.5V
10μs/DIV
1992 G56
+VS = 5V
–VS = 0V
VOCM = 2.5V
+VIN = 0V TO 200mV
–VIN = 100mV
CLOAD = 10000pF
CLOAD = 1000pF
2.5V
FREQUENCY (Hz)
100
1000
10000
1922 G57
10
1000
100
10
FREQUENCY (Hz)
100
–100
–60
–50
–40
1k
10k
50k
1992 G58
–70
–80
–90
500kHz MEASUREMENT BANDWIDTH
+VS = 5V
–VS = –5V
VOCM = 0V
VOUT = 1VP-PDIFF
VOUT = 2VP-PDIFF
VOUT = 10VP-PDIFF
VOUT = 5VP-PDIFF
INPUT SIGNAL AMPLITUDE (VP-PDIFF)
0.1
–100
–90
–80
–70
–60
–40
110
20
1992 G59
–50
500kHz MEASUREMENT BANDWIDTH
+VS = 5V
–VS = –5V
VOCM = 0V
50kHz
20kHz
10kHz
5kHz
2kHz
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com