Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 2Page - Analog Devices LTC1992 Datasheet HTML 3Page - Analog Devices LTC1992 Datasheet HTML 4Page - Analog Devices LTC1992 Datasheet HTML 5Page - Analog Devices LTC1992 Datasheet HTML 6Page - Analog Devices LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices LTC1992 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LTC1992 Family
6
1992fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. +VS = 5V, –VS = 0V, VINCM = VOUTCM = VOCM = 2.5V, unless otherwise
noted. VOCM is the voltage on the VOCM pin. VOUTCM is defined as (+VOUT + –VOUT)/2. VINCM is defined as (+VIN + –VIN)/2. VINDIFF is
defined as (+VIN – –VIN). VOUTDIFF is defined as (+VOUT – –VOUT). Typical values are at TA = 25°C. Specifications apply to the
LTC1992-5 only.
SYMBOL PARAMETER
CONDITIONS
LTC1992-5CMS8
LTC1992-5ISM8
LTC1992-5HMS8
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
GDIFF
Differential Gain
Differential Gain Error
Differential Gain Nonlinearity
Differential Gain Temperature Coefficient
l
l
5
±0.1
50
3.5
±0.3
5
±0.1
50
3.5
±0.35
V/V
%
ppm
ppm/°C
en
Input Referred Noise Voltage Density (Note 7) f = 1kHz
45
45
nV/√Hz
RIN
Input Resistance, Single-Ended +IN, –IN Pins
l
22.5
30
37.5
22
30
38
kΩ
VINCMR
Input Signal Common Mode Range
VS = 5V
–0.1V to 3.9V
–0.1V to 3.9V
V
CMRR
Common Mode Rejection Ratio
(Amplifier Input Referred) (Note 7)
VINCM = –0.1V to 3.7V l
55
60
55
60
dB
SR
Slew Rate (Note 4)
l
0.7
2
0.7
2
V/μs
GBW
Gain-Bandwidth Product
fTEST = 180kHz
4
4
MHz
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
+VS = 5V, –VS = 0V, VINCM = VOUTCM = VOCM = 2.5V, unless otherwise noted. VOCM is the voltage on the VOCM pin. VOUTCM is defined
as (+VOUT + –VOUT)/2. VINCM is defined as (+VIN + –VIN)/2. VINDIFF is defined as (+VIN – –VIN). VOUTDIFF is defined as (+VOUT – –VOUT).
Typical values are at TA = 25°C. Specifications apply to the LTC1992-10 only.
SYMBOL PARAMETER
CONDITIONS
LTC1992-10CMS8
LTC1992-10ISM8
LTC1992-10HMS8
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
GDIFF
Differential Gain
Differential Gain Error
Differential Gain Nonlinearity
Differential Gain Temperature Coefficient
l
l
10
±0.1
50
3.5
±0.3
10
±0.1
50
3.5
±0.35
V/V
%
ppm
ppm/°C
en
Input Referred Noise Voltage Density (Note 7) f = 1kHz
45
45
nV/√Hz
RIN
Input Resistance, Single-Ended +IN, –IN Pins
l
11.3
15
18.8
11
15
19
kΩ
VINCMR
Input Signal Common Mode Range
VS = 5V
–0.1V to 3.8V
–0.1V to 3.8V
V
CMRR
Common Mode Rejection Ratio
(Amplifier Input Referred) (Note 7)
VINCM = –0.1V to 3.7V l
55
60
55
60
dB
SR
Slew Rate (Note 4)
l
0.7
2
0.7
2
V/μs
GBW
Gain-Bandwidth Product
fTEST = 180kHz
4
4
MHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Output load is connected to the midpoint of the +VS and –VS
potentials. Measurement is taken single-ended, one output loaded at a
time.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum when the output is shorted indefinitely.
Note 4: Differential output slew rate. Slew rate is measured single ended
and doubled to get the listed numbers.
Note 5: The LTC1992C/LTC1992-XC/LTC1992I/LTC1992-XI are guaranteed
functional over an operating temperature of –40°C to 85°C. The
LTC1992H/LTC1992-XH are guaranteed functional over the extended
operating temperature of –40°C to 125°C.
Note 6: The LTC1992C/LTC1992-XC are guaranteed to meet the specified
performance limits over the 0°C to 70°C temperature range and are
designed, characterized and expected to meet the specified performance
limits over the –40°C to 85°C temperature range but are not tested or QA
sampled at these temperatures. The LTC1992I/LTC1992-XI are guaranteed
to meet the specified performance limits over the –40°C to 85°C
temperature range. The LTC1992H/LTC1992-XH are guaranteed to meet the
specified performance limits over the –40°C to 125°C temperature range.
Note 7: Differential offset voltage, differential offset voltage drift, CMRR,
noise voltage density and PSRR are referred to the internal amplifier’s
input to allow for direct comparison of gain blocks with discrete amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com