Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 5Page - Analog Devices LTC1992 Datasheet HTML 6Page - Analog Devices LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices LTC1992 Datasheet HTML 10Page - Analog Devices LTC1992 Datasheet HTML 11Page - Analog Devices LTC1992 Datasheet HTML 12Page - Analog Devices LTC1992 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LTC1992 Family
9
1992fb
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Input Offset Voltage
vs Input Common Mode Voltage
Differential Input Offset Voltage
vs Input Common Mode Voltage
Differential Input Offset Voltage
vs Input Common Mode Voltage
Common Mode Rejection Ratio
vs Frequency (Note 7)
Power Supply Rejection Ratio
vs Frequency (Note 7)
Output Balance vs Frequency
Differential Input Differential
Gain vs Frequency, VS = ±2.5V
Single-Ended Input Differential
Gain vs Frequency, VS = ±2.5V
Differential Phase Response
vs Frequency
Applicable to the LTC1992 only.
FREQUENCY (kHz)
10
–24
–18
–12
–6
0
100
1000
10000
1992 G17
–30
–36
–42
–66
–60
–54
–48
6
12
CLOAD = 10000pF
CLOAD = 5000pF
CLOAD = 1000pF
CLOAD = 500pF
CLOAD = 100pF
CLOAD = 50pF
CLOAD = 10pF
RIN = RFB = 10k
FREQUENCY (kHz)
10
–24
–18
–12
–6
0
100
1000
10000
1992 G18
–30
–36
–42
–66
–60
–54
–48
6
12
CLOAD = 10000pF
CLOAD = 5000pF
CLOAD = 1000pF
CLOAD = 500pF
CLOAD = 100pF
CLOAD = 50pF
CLOAD = 10pF
RIN = RFB = 10k
FREQUENCY (kHz)
10
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
100
1000
1992 G37
CLOAD =
10pF
50pF
100pF
500pF
1000pF
5000pF
10000pF
RIN = RFB = 10k
COMMON MODE VOLTAGE (V)
0
1922 G20
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
125°C
–40°C
25°C
85°C
+VS = 2.7V
–VS = 0V
VOCM = 1.35V
COMMON MODE VOLTAGE (V)
0
4.0
1922 G21
1.0
0.5
1.5
2.5
3.5
4.5
2.0
3.0
5.0
125°C
–40°C
85°C
25°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
+VS = 5V
–VS = 0V
VOCM = 2.5V
COMMON MODE VOLTAGE (V)
–5
3
1922 G22
–3
–4
–2
0
2
4
–1
1
5
125°C
–40°C
85°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
25°C
+VS = 5V
–VS = –5V
VOCM = 0V
FREQUENCY (Hz)
40
80
120
20
60
100
100
10k
100k
1M
1992 G23
0
1k
ΔVAMPCM
ΔVAMPDIFF
FREQUENCY (Hz)
10
40
50
60
70
80
100
1k
10k
100k
1M
1992 G24
30
20
10
0
90
100
–VS
+VS
ΔVS
ΔVAMPDIFF
FREQUENCY (Hz)
110
–40
–60
–80
100
1k
10k
100k
1M
1992 G25
–20
0
–100
ΔVOUTCM
ΔVOUTDIFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com