Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 36 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 36 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 32Page - Analog Devices LTC1992 Datasheet HTML 33Page - Analog Devices LTC1992 Datasheet HTML 34Page - Analog Devices LTC1992 Datasheet HTML 35Page - Analog Devices LTC1992 Datasheet HTML 36Page - Analog Devices LTC1992 Datasheet HTML 37Page - Analog Devices LTC1992 Datasheet HTML 38Page - Analog Devices LTC1992 Datasheet HTML 39Page - Analog Devices LTC1992 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
LTC1992 Family
36
1992fb
APPLICATIONS INFORMATION
quantifies the undesired effect of signal level shifting
discussed earlier in the Signal Level Shifting section.
Asymmetrical Feedback Application Circuits
The basic signal equation in Figure 6 also gives insight
to another piece of intuition. The feedback factors may
be deliberately set to different values. One interesting
class of these application circuits sets one or both of the
feedback factors to the extreme values of either zero or
one. Figure 7 shows three such circuits.
At first these application circuits may look to be unstable
or open loop. It is the common mode feedback loop that
enables these circuits to function. While they are useful
circuits, they have some shortcomings that must be con-
sidered. First, due to the severe feedback factor asymmetry,
the VOCM level influences the differential output voltage
with about the same strength as the input signal. With
this much gain in the VOCM path, differential output offset
and noise increase. The large VOCM to VOUTDIFF gain also
necessitates that these circuits are largely limited to dual,
split supply voltage applications with a ground referenced
input signal and a grounded VOCM pin.
The top application circuit in Figure 7 yields a high input
impedance, precision gain of 2 block without any external
resistors. The on-chip common mode feedback servo
resistors determine the gain precision (better than 0.1
percent). By using the –VOUT output alone, this circuit is
also useful to get a precision, single-ended output, high
input impedance inverter. To intuitively understand this
circuit, consider it as a standard op amp voltage follower
(delivered through the signal gain servo) with a comple-
mentary output (delivered through the common mode level
servo). As usual, the amplifier’s input common mode range
must not be exceeded. As with a standard op amp voltage
follower, the common mode signal seen at the amplifier’s
input is the input signal itself. This condition limits the
input signal swing, as well as the output signal swing, to
be the input signal common mode range specification.
The middle circuit is largely the same as the first except
that the noninverting amplifier path has gain. Note that
Figure 6. Basic Equations for Mismatched or Asymmetrical Feedback Applications Circuits
–
–
+
+
RIN2
RIN1
2[+VIN • (1 – 1) – (–VIN) • (1 – 2)] + 2VOSDIFF + 2VOUTCM ( 1 – 2)
1 + 2
RFB1
VOCM
VOCM
VOUTDIFF =
WHERE:
• FOR GROUND REFERENCED, SINGLE-ENDED INPUT SIGNAL, LET +VIN = VINSIG AND –VIN = 0V
RFB2
–VIN
VINDIFF
+VIN – –VIN
+VIN
–VOUT
+VOUT
1992 F06
LTC1992
VOUTDIFF
+VOUT – –VOUT
2 • VINSIG • (1 – 1) + 2VOSDIFF + 2VOUTCM ( 1 – 2)
1 + 2
VOUTDIFF =
• COMMON MODE REJECTION: SET +VIN = –VIN = VINCM, VOSDIFF = 0V, VOUTCM = 0V
ΔVINCM
ΔVOUTDIFF
CMRR =
= 2
; OUTPUT REFERRED
1 + 2
2 – 1
2 – 1
1 + 2
• OUTPUT DC OFFSET VOLTAGE: SET +VIN = –VIN = VINCM
VOSDIFFOUT = VOSDIFF
+ (VOUTCM – VINCM) 2
2
1 + 2
RIN1
RIN1 + RFB1
1 =
; 2 =
; VOSDIFF = AMPLIFIER INPUT REFERRED OFFSET VOLTAGE
VOUTCM = KCM • VOCM + VOSCM
0.999 < KCM < 1.001
RIN2
RIN2 + RFB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com