Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 20Page - Analog Devices LTC1992 Datasheet HTML 21Page - Analog Devices LTC1992 Datasheet HTML 22Page - Analog Devices LTC1992 Datasheet HTML 23Page - Analog Devices LTC1992 Datasheet HTML 24Page - Analog Devices LTC1992 Datasheet HTML 25Page - Analog Devices LTC1992 Datasheet HTML 26Page - Analog Devices LTC1992 Datasheet HTML 27Page - Analog Devices LTC1992 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
LTC1992 Family
24
1992fb
PIN FUNCTIONS
–IN, +IN (Pins 1, 8): Inverting and Noninverting Inputs
of the Amplifier. For the LTC1992 part, these pins are
connected directly to the amplifier’s P-channel MOSFET
input devices. The fixed gain LTC1992-X parts have preci-
sion, on-chip gain setting resistors. The input resistors
are nominally 30k for the LTC1992-1, LTC1992-2 and
LTC1992-5 parts. The input resistors are nominally 15k
for the LTC1992-10 part.
VOCM (Pin 2): Output Common Mode Voltage Set Pin.
The voltage on this pin sets the output signal’s common
mode voltage level. The output common mode level is set
independent of the input common mode level. This is a
high impedance input and must be connected to a known
and controlled voltage. It must never be left floating.
+VS, –VS (Pins 3, 6): The +VS and –VS power supply pins
shouldbebypassedwith0.1μFcapacitorstoanadequateana-
log ground or ground plane. The bypass capacitors should
be located as closely as possible to the supply pins.
+OUT, –OUT (Pins 4, 5): The Positive and Negative
Outputs of the Amplifier. These rail-to-rail outputs are
designed to drive capacitive loads as high as 10,000pF.
VMID (Pin 7): Mid-Supply Reference. This pin is connected
to an on-chip resistive voltage divider to provide a mid-
supply reference. This provides a convenient way to set
the output common mode level at half-supply. If used for
this purpose, Pin 2 will be shorted to Pin 7, Pin 7 should
be bypassed with a 0.1μF capacitor to ground. If this refer-
ence voltage is not used, leave the pin floating.
BLOCK DIAGRAMS (1992)
+
–
1
7
2
6
3
8
5
4
+
–
200k
200k
+VS
–VS
V+
V–
30k
30k
A1
+
+
+
–
A2
+OUT
1992 BD
–IN
VMID
VOCM
+IN
–OUT
+VS
–VS
+VS
–VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com