Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 3Page - Analog Devices LTC1992 Datasheet HTML 4Page - Analog Devices LTC1992 Datasheet HTML 5Page - Analog Devices LTC1992 Datasheet HTML 6Page - Analog Devices LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices LTC1992 Datasheet HTML 10Page - Analog Devices LTC1992 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LTC1992 Family
7
1992fb
TYPICAL PERFORMANCE CHARACTERISTICS
Common Mode Offset Voltage
vs VOCM Voltage
Common Mode Offset Voltage
vs VOCM Voltage
Common Mode Offset Voltage
vs VOCM Voltage
Output Voltage Swing
vs Output Load, VS = 2.7V
Output Voltage Swing
vs Output Load, VS = 5V
Supply Current vs Supply Voltage
Differential Input Offset Voltage
vs Temperature (Note 7)
Common Mode Offset Voltage
vs Temperature
Applicable to all parts in the LTC1992 family.
TOTAL SUPPLY VOLTAGE (V)
0
0.6
0.8
1.0
8
1992 G01
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
2
1
4
3
67
9
5
10
125°C
85°C
25°C
–40°C
TEMPERATURE (°C)
–40
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1992 G02
25
85
125
VINCM = 0V
VOCM = 0V
VS = ±1.35V
VS = ±2.5V
VS = ±5V
TEMPERATURE (°C)
–40
–5
–4
–2
–1
0
85
4
1992 G03
–3
25
125
1
2
3
VINCM = 0V
VOCM = 0V
VS = ±5V
VS = ±1.35V
VS = ±2.5V
VOCM VOLTAGE (V)
0
–20
–15
–5
0
5
0.6
1.2 1.5
2.7
1992 G04
–10
0.3
0.9
1.8 2.1 2.4
125°C
85°C
25°C
–40°C
+VS = 2.7V
–VS = 0V
VINCM = 1.35V
VOCM VOLTAGE (V)
0
–5
0
5
4
1992 G05
–10
–15
–20
0.5
1
1.5
2
2.5
3
3.5
4.5
5
+VS = 5V
–VS = 0V
VINCM = 2.5V
125°C
85°C
25°C
–40°C
VOCM VOLTAGE (V)
–5
–5
0
5
3
1992 G06
–10
–15
–20
–4 –3 –2 –1
0
12
4
5
+VS = 5V
–VS = –5V
VINCM = 0V
125°C
85°C
25°C
–40°C
LOAD CURRENT (mA)
–20
2.50
2.60
20
1992 G07
2.40
2.30
–10
0
10
–15
–5
5
15
2.70
2.45
2.55
2.35
2.65
0.4
0.6
0.2
0
0.8
0.3
0.5
0.1
0.7
–40°C
–40°C
125°C
125°C
25°C
85°C
85°C
25°C
LOAD CURRENT (mA)
–20
20
4.50
4.55
4.65
4.70
4.75
5.00
4.85
–10
0
1992 G08
4.60
4.90
4.95
4.80
0
0.1
0.3
0.4
0.5
1.0
0.7
0.2
0.8
0.9
0.6
10
15
–15
–5
5
–40°C
–40°C
125°C
125°C
85°C
85°C
25°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com