Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 4 Page - Analog Devices

  LTC1992 Datasheet HTML 1Page - Analog Devices LTC1992 Datasheet HTML 2Page - Analog Devices LTC1992 Datasheet HTML 3Page - Analog Devices LTC1992 Datasheet HTML 4Page - Analog Devices LTC1992 Datasheet HTML 5Page - Analog Devices LTC1992 Datasheet HTML 6Page - Analog Devices LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LTC1992 Family
4
1992fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. +VS = 5V, –VS = 0V, VINCM = VOUTCM = VOCM = 2.5V, unless otherwise
noted. VOCM is the voltage on the VOCM pin. VOUTCM is defined as (+VOUT + –VOUT)/2. VINCM is defined as (+VIN + –VIN)/2. VINDIFF is
defined as (+VIN – –VIN). VOUTDIFF is defined as (+VOUT – –VOUT). Specifications applicable to all parts in the LTC1992 family.
SYMBOL
PARAMETER
CONDITIONS
ALL C AND I GRADE
ALL H GRADE
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ISC
Output Short-Circuit Current
Sourcing (Notes 2,3)
VS = 2.7V, VOUT =1.35V
VS = 5V, VOUT = 2.5V
VS = ±5V, VOUT = 0V
l
l
l
20
20
20
30
30
30
20
20
20
30
30
30
mA
mA
mA
Output Short-Circuit Current Sinking
(Notes 2,3)
VS = 2.7V, VOUT =1.35V
VS = 5V, VOUT = 2.5V
VS = ±5V, VOUT = 0V
l
l
l
13
13
13
30
30
30
13
13
13
30
30
30
mA
mA
mA
AVOL
Large-Signal Voltage Gain
l
80
80
dB
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
+VS = 5V, –VS = 0V, VINCM = VOUTCM = VOCM = 2.5V, unless otherwise noted. VOCM is the voltage on the VOCM pin. VOUTCM is defined
as (+VOUT + –VOUT)/2. VINCM is defined as (+VIN + –VIN)/2. VINDIFF is defined as (+VIN – –VIN). VOUTDIFF is defined as (+VOUT – –VOUT).
Specifications applicable to the LTC1992 only.
SYMBOL PARAMETER
CONDITIONS
LTC1992CMS8
LTC1992ISM8
LTC1992HMS8
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
IB
Input Bias Current
VS = 2.7V to ±5V
l
2
250
2
400
pA
IOS
Input Offset Current
VS = 2.7V to ±5V
l
0.1
100
0.1
150
pA
RIN
Input Resistance
l
500
500
MΩ
CIN
Input Capacitance
l
33
pF
en
Input Referred Noise Voltage Density f = 1kHz
35
35
nV/√Hz
in
Input Noise Current Density
f = 1kHz
1
1
fA/√Hz
VINCMR
Input Signal Common Mode Range
l (–VS) – 0.1V
(+VS) – 1.3V (–VS) – 0.1V
(+VS) – 1.3V
V
CMRR
Common Mode Rejection Ratio
(Input Referred)
VINCM = –0.1V to 3.7V l
69
90
69
90
dB
SR
Slew Rate (Note 4)
l
0.5
1.5
0.5
1.5
V/μs
GBW
Gain-Bandwidth Product
(fTEST = 100kHz)
TA = 25°C
LTC1992CMS8
LTC1992IMS8/
LTC1992HMS8
l
l
3.0
2.5
1.9
3.2
3.0
3.5
4.0
4.0
3.0
1.9
3.2
3.5
4.0
MHz
MHz
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com