Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 3 Page - Analog Devices

  LTC1992 Datasheet HTML 1Page - Analog Devices LTC1992 Datasheet HTML 2Page - Analog Devices LTC1992 Datasheet HTML 3Page - Analog Devices LTC1992 Datasheet HTML 4Page - Analog Devices LTC1992 Datasheet HTML 5Page - Analog Devices LTC1992 Datasheet HTML 6Page - Analog Devices LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LTC1992 Family
3
1992fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. +VS = 5V, –VS = 0V, VINCM = VOUTCM = VOCM = 2.5V, unless otherwise
noted. VOCM is the voltage on the VOCM pin. VOUTCM is defined as (+VOUT + –VOUT)/2. VINCM is defined as (+VIN + –VIN)/2. VINDIFF is
defined as (+VIN – –VIN). VOUTDIFF is defined as (+VOUT – –VOUT). Specifications applicable to all parts in the LTC1992 family.
SYMBOL
PARAMETER
CONDITIONS
ALL C AND I GRADE
ALL H GRADE
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VS
Supply Voltage Range
l
2.7
11
2.7
11
V
IS
Supply Current
VS = 2.7V to 5V
VS = ±5V
l
l
0.65
0.75
0.7
0.8
1.0
1.2
1.2
1.5
0.65
0.8
0.7
0.9
1.0
1.5
1.2
1.8
mA
mA
mA
mA
VOSDIFF
Differential Offset Voltage
(Input Referred) (Note 7)
VS = 2.7V
VS = 5V
VS = ±5V
l
l
l
±0.25
±0.25
±0.25
±2.5
±2.5
±2.5
±0.25
±0.25
±0.25
±4
±4
±4
mV
mV
mV
ΔVOSDIFF/ΔT Differential Offset Voltage Drift
(Input Referred) (Note 7)
VS = 2.7V
VS = 5V
VS = ±5V
l
l
l
10
10
10
10
10
10
μV/°C
μV/°C
μV/°C
PSRR
Power Supply Rejection Ratio
(Input Referred) (Note 7)
VS = 2.7V to ±5V
l
75
80
72
80
dB
GCM
Common Mode Gain(VOUTCM/VOCM)
Common Mode Gain Error
Output Balance (ΔVOUTCM/(ΔVOUTDIFF)VOUTDIFF = –2V to +2V
l
l
l
1
±0.1
–85
±0.3
–60
1
±0.1
–85
±0.35
–60
%
dB
VOSCM
Common Mode Offset Voltage
(VOUTCM – VOCM)
VS = 2.7V
VS = 5V
VS = ±5V
l
l
l
±0.5
±1
±2
±12
±15
±18
±0.5
±1
±2
±15
±17
±20
mV
mV
mV
ΔVOSCM/ΔT Common Mode Offset Voltage Drift
VS = 2.7V
VS = 5V
VS = ±5V
l
l
l
10
10
10
10
10
10
μV/°C
μV/°C
μV/°C
VOUTCMR
Output Signal Common Mode Range
(Voltage Range for the VOCM Pin)
l (–VS) + 0.5V
(+VS) – 1.3V (–VS) + 0.5V
(+VS) – 1.3V
V
RINVOCM
Input Resistance, VOCM Pin
l
500
500
MΩ
IBVOCM
Input Bias Current, VOCM Pin
VS = 2.7V to ±5V
l
±2
±2
pA
VMID
Voltage at the VMID Pin
l
2.44
2.50
2.56
2.43
2.50
2.57
V
VOUT
Output Voltage, High
(Note 2)
VS = 2.7V, Load = 10k
VS = 2.7V, Load = 5mA
VS = 2.7V, Load = 10mA
l
l
l
2.60
2.50
2.29
2.69
2.61
2.52
2.60
2.50
2.29
2.69
2.61
2.52
V
V
V
Output Voltage, Low
(Note 2)
VS = 2.7V, Load = 10k
VS = 2.7V, Load = 5mA
VS = 2.7V, Load = 10mA
l
l
l
0.02
0.10
0.20
0.10
0.25
0.35
0.02
0.10
0.20
0.10
0.25
0.41
V
V
V
Output Voltage, High
(Note 2)
VS = 5V, Load = 10k
VS = 5V, Load = 5mA
VS = 5V, Load = 10mA
l
l
l
4.90
4.85
4.75
4.99
4.90
4.81
4.90
4.80
4.70
4.99
4.90
4.81
V
V
V
Output Voltage, Low
(Note 2)
VS = 5V, Load = 10k
VS = 5V, Load = 5mA
VS = 5V, Load = 10mA
l
l
l
0.02
0.10
0.20
0.10
0.25
0.35
0.02
0.10
0.20
0.10
0.30
0.42
V
V
V
Output Voltage, High
(Note 2)
VS = ±5V, Load = 10k
VS = ±5V, Load = 5mA
VS = ±5V, Load = 10mA
l
l
l
4.90
4.85
4.65
4.99
4.89
4.80
4.85
4.80
4.60
4.99
4.89
4.80
V
V
V
Output Voltage, Low
(Note 2)
VS = ±5V, Load = 10k
VS = ±5V, Load = 5mA
VS = ±5V, Load = 10mA
l
l
l
–4.99
–4.90
–4.80
–4.90
–4.75
–4.65
–4.98
–4.90
–4.80
–4.85
–4.75
–4.55
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com