Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 4Page - Analog Devices LTC1992 Datasheet HTML 5Page - Analog Devices LTC1992 Datasheet HTML 6Page - Analog Devices LTC1992 Datasheet HTML 7Page - Analog Devices LTC1992 Datasheet HTML 8Page - Analog Devices LTC1992 Datasheet HTML 9Page - Analog Devices LTC1992 Datasheet HTML 10Page - Analog Devices LTC1992 Datasheet HTML 11Page - Analog Devices LTC1992 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LTC1992 Family
8
1992fb
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Gain vs Time
(Normalized to t = 0)
Input Common Mode Overdrive
Recovery (Expanded View)
Input Common Mode Overdrive
Recovery (Detailed View)
Output Overdrive Recovery
(Expanded View)
Output Overdrive Recovery
(Detailed View)
Output Voltage Swing
vs Output Load, VS = ±5V
VOCM Input Bias Current
vs VOCM Voltage
Differential Input Offset Voltage
vs Time (Normalized to t = 0)
Applicable to all parts in the LTC1992 family.
LOAD CURRENT (mA)
–20
4.4
4.5
4.6
4.7
4.8
–10
0
10
20
–15
–5
5
15
1992 G09
4.9
5.0
–5.0
–4.8
–4.6
–4.4
–4.2
–4.0
–3.8
–40°C
–40°C
125°C
125°C
85°C
25°C
85°C
25°C
VOCM VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1992 G10
100E-15
10E-9
1E-9
100E-12
10E-12
1E-12
+VS = 5V
–VS = 0V
VINCM = 2.5V
125°C
85°C
25°C
–40°C
TIME (HOURS)
100
80
60
40
20
0
–20
–40
–60
–80
–100
1992 G11
0
400
800
1200
1600
2000
TEMP = 35°C
TIME (HOURS)
10
8
6
4
2
0
–2
–4
–6
–8
–10
1992 G12
0
400
800
1200
1600
2000
TEMP = 35°C
50μs/DIV
1992 G13
BOTH INPUTS
(INPUTS TIED
TOGETHER)
OUTPUTS
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
LTC1992-10 SHOWN
FOR REFERENCE
1μs/DIV
1992 G14
BOTH INPUTS
(INPUTS TIED TOGETHER)
OUTPUTS
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
LTC1992-10 SHOWN
FOR REFERENCE
50μs/DIV
1992 G15
+VS = 2.5V, –VS = –2.5V, VOCM = 0V
OUTPUTS
INPUTS
LTC1992-2 SHOWN FOR REFERENCE
5μs/DIV
1992 G16
INPUTS
OUTPUTS
+VS = 2.5V
–VS = –2.5V
VOCM = 0V
LTC1992-2 SHOWN
FOR REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com