Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 34Page - Analog Devices LTC1992 Datasheet HTML 35Page - Analog Devices LTC1992 Datasheet HTML 36Page - Analog Devices LTC1992 Datasheet HTML 37Page - Analog Devices LTC1992 Datasheet HTML 38Page - Analog Devices LTC1992 Datasheet HTML 39Page - Analog Devices LTC1992 Datasheet HTML 40Page - Analog Devices LTC1992 Datasheet HTML 41Page - Analog Devices LTC1992 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LTC1992 Family
39
1992fb
TYPICAL APPLICATIONS
Single-Ended to Differential Conversion Driving an ADC
2.2μF
10μF
10μF
10Ω
47μF
4
6
REFCOMP
4.375V
CONTROL
LOGIC
AND
TIMING
B15 TO B0
16-BIT
SAMPLING
ADC
–
+
10μF
5V OR
3V
μP
CONTROL
LINES
D15 TO D0
OUTPUT
BUFFERS
16-BIT
PARALLEL
BUS
11 TO 26
1992 TA06a
OGND
OVDD
28
29
1
2
AIN
+
AIN
–
SHDN
CS
CONVST
RD
BUSY
33
32
31
30
27
LTC1603
3
36
35
10
9
5V
5V
AVDD
AVDD
7.5k
DVDD
DGND
VREF
8
AGND
AGND
7
AGND
5
AGND
34
–5V
VSS
10μF
2.5V
REF
10μF
1.75X
+
+
+
+
+
–
–
+
+
5V
–5V
LTC1992-1
3
6
VOCM
VMID
VIN
100pF
4
5
2
7
8
1
100Ω
100Ω
0.1μF
0.1μF
FFT of the Output Data
SNR =85.3dB
THD = –72.1dB
SINAD = –72dB
fIN = 10.0099kHz
fSAMPLE = 333kHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY (kHz)
0
80
70
1992 TA06b
20
10
40
30
60
50
100
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com