Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet (PDF) - STMicroelectronics

STV9432TAP Datasheet PDF - STMicroelectronics
Part # STV9432TAP
Download  STV9432TAP Download
File Size   210.99 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs

STV9432TAP Datasheet (PDF)

Go To PDF Page Download Datasheet
STV9432TAP Datasheet PDF - STMicroelectronics

Part # STV9432TAP
Download  STV9432TAP Click to download

File Size   210.99 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs

STV9432TAP Datasheet (HTML) - STMicroelectronics


STV9432TAP Product details

DESCRIPTION

Connected to a host MCU via its serial I2C Bus, the STV9432TAP is a multifunction slave peripheral device integrating the following blocks:

  - On-screen Display. It includes a MASK PROGRAMMABLE ROM that holds the CUSTOM CHARACTER FONT, a 1Kbytes RAM that stores the code strings of the different lines of text to be displayed, and a set of registers to program character sizes and colors. A built-in digital PLL, operating at very high frequency, gives an accurrate display without visible jitter for a wide line frequency range from 15 to 140 kHz.

   - Cut-off Monitoring Circuitry includes: 5 x 8 bits PWM DACs, 3 x 8 bits ADCs and a programmable ADC sampling trigger. It gives the possibility to measure the three beam currents, during the horizontal flyback, at a given line in the frame, provided that the three ADC inputs are connected to a beam current sensing circuitry. The values are stored in three BEAM CURRENT REGISTERS, and available for MCU read.

   - Video Timing Analyzer. Using the Horizontal Sync,Vertical Sync, Horizontal Flyback, and ”Video Active” inputs, a set of counters give the different timing measurements necessary to analyze the current Video timing characteristics in order to make the automatic set-up of screen size and centering. The measurements are initialized on the same programmable trigger line than in the above cut-off monitoring circuitry.



■ MULTIFUNCTION OSD FOR MONITOR

■ INCLUDES FACILITIES FOR CUT-OFF VOLTAGE MONITORING:

- THREE 8 BITS ADC INPUTS

- ADC TRIGGER DURING RETRACE TIME OF A PROGRAMMED LINE

■ INCLUDES FACILITIES FOR SCREEN SIZE & CENTERING AUTO SETUP

- HS, VS, VIDEO TIMING MEASUREMENTS

■ 100MHz MAX. PIXEL CLOCK, AVAILABLE FOR ANY LINE FREQUENCY BETWEEN 15 AND 140 kHz

■ 12 x 18 CHARACTER ROM FONT INCLUDES:

- 240 MONOCOLOR CHARACTERS

- 16 MULTICOLOR CHARACTERS

■ CHARACTER FLASHING

■ UP TO 1K CHARACTERS TEXT DISPLAY

■ ULTRA HIGH FREQUENCY PLL FOR

■ JITTER-FREE DISPLAY

■ FLEXIBLE DISPLAY:

- ANY CHARACTER WIDTH AND HEIGHT

- ANYWHERE IN THE SCREEN

■ SINGLE BYTE CHARACTER CODES AND COLOR LOOK-UP TABLE FOR EASY PRO GRAMMING AND FAST ACCESS

■ CHARACTER FLIP OPERATIONS

■ WIDE DISPLAY WINDOW ALLOWS PATTERN GENERATION FOR FACTORY ADJUSTMENTS

■ I2C BUS MCU INTERFACE

■ FIVE 8 BITS PWM DAC OUTPUTS




Similar Part No. - STV9432TAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9432TA STMICROELECTRONICS-STV9432TA Datasheet
227Kb / 24P
100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER
Feb-2000
More results


Similar Description - STV9432TAP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7138 NTE-NTE7138 Datasheet
54Kb / 7P
Integrated Circuit Advanced Monitor Video Controller for OSD
logo
NXP Semiconductors
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
Advanced monitor video controller for OSD
1997 Nov 26
logo
STMicroelectronics
STV9432 STMICROELECTRONICS-STV9432 Datasheet
186Kb / 18P
100MHz OSD FOR MONITOR
Feb-2000
STV9432TA STMICROELECTRONICS-STV9432TA Datasheet
227Kb / 24P
100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER
Feb-2000
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
OSD PROCESSOR FOR MONITOR
S5D2509 SAMSUNG-S5D2509 Datasheet
289Kb / 32P
OSD PRESSOR FOR MONITOR (PRELIMINARY)
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com