Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 5 Page - STMicroelectronics

  STV9432TAP Datasheet HTML 1Page - STMicroelectronics STV9432TAP Datasheet HTML 2Page - STMicroelectronics STV9432TAP Datasheet HTML 3Page - STMicroelectronics STV9432TAP Datasheet HTML 4Page - STMicroelectronics STV9432TAP Datasheet HTML 5Page - STMicroelectronics STV9432TAP Datasheet HTML 6Page - STMicroelectronics STV9432TAP Datasheet HTML 7Page - STMicroelectronics STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
STV9432TAP
5/25
5 - ELECTRICAL CHARACTERISTICS
(VDD = 5V, VSS = 0V, GND = 0V, TA =0 to 70
o, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SUPPLY
AVDD,DVDD,OVDD
Supply Voltage
4.75
5
5.25
V
AIDD+DIDD +OIDD
Analog and Digital Supply Current
-
-
150
mA
INPUTS (SCL, SDA)
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.4
V
IIL
Input Leakage Current
-1
+1
µA
INPUTS (HS, VS, AV, HFLY)
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
HS, VS, AV
HFLY
2.4
3.6
V
VHYST
Schmidt Trigger Hysteresis
0.4
V
IPU
Pull-up Source Current (VIN = 0V)
100
µA
HSIN
Horinzontal Synchro Input Range
15
-
140
kHz
OUTPUTS (SDA open drain)
VOL
Output Low Voltage (IOL = 3mA)
00.4
V
OUTPUTS (R, G, B, FBLK)
VOL
Output Low Voltage (IOL = 3mA)
00.4
V
VOH
Output High Voltage (IOH = 3mA)
0.8VDD
VDD
V
OSCILLATOR (XTI, XTO)
IIL
XTI Input Source Current (VIN = 0V)
315
µA
IIH
XTI Input Sink Current (VIN =VDD)
315
µA
VIL
XTI Input Low Voltage
1.4
V
VIH
XTI Input High Voltage
0.7VDD
V
VOL
XTI Output Low Voltage (IOL = 3mA)
00.4
V
VOH
XTI Output High Voltage (IOH = 3mA)
0.8VDD
VDD
V
ADCREF
VREF
Output Voltage Reference
3.3
V
8 BITS PWM DACs 1,2,3,4,5
VOL
Output Low Voltage (IOL = 1.6mA)
00.4
V
VOH
Output High Voltage (IOH = -0.8mA)
VCC - 0.5
V
tPWM
PWM Period
256
tOSC
POWER-ON RESET
DVDDTH
Supply Threshold Level
3.6
V
8 BITS ADC INPUTS (RCI, GCI, BCI)
VIN
Input Voltage
0VADCREF
V
ZIN
Input Impedance
100
k
VOFF
Input Offset Voltage
3LSB
ILEAK
Input Leakage Current
050
µA
ILE
Integral Linearity Error (Note 2)
-2
+2
LSB
DLE
Differential Linearity Error (Note 2)
-0.5
+0.5
LSB
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com