Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics STV9432TAP Datasheet HTML 10Page - STMicroelectronics STV9432TAP Datasheet HTML 11Page - STMicroelectronics STV9432TAP Datasheet HTML 12Page - STMicroelectronics STV9432TAP Datasheet HTML 13Page - STMicroelectronics STV9432TAP Datasheet HTML 14Page - STMicroelectronics STV9432TAP Datasheet HTML 15Page - STMicroelectronics STV9432TAP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
STV9432TAP
15/29
9 - BEAM CURRENTS MEASUREMENT
9.1 - BEAM CURRENT MEASUREMENT REGISTERS
The Beam Current Measurement circuitry uses three A to D converters, sampled at fOSC frequency.
These three 8 bits registers read the values of the last Beam currents measurement, initiated by I2C com-
mand (see TIMG register).
RCI Register: Red Beam Current Input
GCI Register: Green Beam Current Input
BCI Register: Blue Beam Current Input
9.2 - BEAM CURRENT MEASUREMENT TRIGGER
The Beam Currents Measurement is performed according to the setting of SBN and TIMG registers :
9.2.1 - SBN Register
This 8 bits register holds the ”sampling bloc” number. The sampling bloc is a set of 4 consecutive scan
lines, the first of which is used for sampling the video timings or Beam currents. The reset value of this
register is 0.
9.2.2 - TIMG Register
This 8 bits register holds the following parameters:
When measurement is completed the IC will reset
this bit to 0. The reset value of this register is 0.
To initiate a Beam Currents Measurement cycle:
- program the Sampling Bloc Number in the SBN
Register,
- program the TIMG Register, with: ”SELECT”
bit = 0, ”ADCDLY” bits
specify the sampling
time during HFly, ”STM” bit = 1 (Start Measure-
ment).
As soon as the measurement cycle is finished, the
”STM” bit is automatically reset by the device.
After a Beam Currents Measurement cycle, read-
ing a zero in STM bit of TIMG register means that
the measurement is completed and the MCU may
read the results in RCI, GCI, and BCI registers.
4012
RCI7
RCI6
RCI5
RCII4
RCI3
RCI2
RCI1
RCI0
4013
GCI7
GCI6
GCI5
GCI4
GCI3
GCI2
GCI1
GCI0
4014
BCI7
BCI6
BCI5
BCI4
BCI3
BCI2
BCI1
BCI0
4015
SBN7
SBN6
SBN5
SBN4
SBN3
SBN2
SBN1
SBN0
4016
STM
NFR1
NFR0
ADCDLY3
ADCDLY2
ADCDLY1
0
SELECT
STM
: Start Measurement Bit. This bit has
to be forced to 1 by I2C to start the
measurement sequence, depending
on the measurement selection bit.
When measurement is completed
the IC will reset this bit to 0.
NFR
[1:0]
: NFR
number
of
measurement
frames, 1 to 4 frames
ADCDLY
[3:0]
: Cut-off Beam current ADC sampling
delay time: 0 to 15 x tOSC,by tOSC
steps
SELECT : Selection of Beam current measure-
ment (0) or Timing measurement (1)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com