Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 5Page - STMicroelectronics STV9432TAP Datasheet HTML 6Page - STMicroelectronics STV9432TAP Datasheet HTML 7Page - STMicroelectronics STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics STV9432TAP Datasheet HTML 10Page - STMicroelectronics STV9432TAP Datasheet HTML 11Page - STMicroelectronics STV9432TAP Datasheet HTML 12Page - STMicroelectronics STV9432TAP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STV9432TAP
9/25
8 - TIMING ANALYZER
8.1 - VIDEO HORIZONTAL TIMINGS
All horizontal timing measurements use a 106.7MHz clock. This clock is made from the internal oscillator:
fHTIM = 40fOSC : 3. These twelve bits read-only registers read time measurements, given in tHTIM units.
They hold the value of the last measurement that was initiated by I
2C command (see TIMG Register).
Figure 4.
H1 Register: H sync to Active video, min of C to A
H2 Register: Active video to H sync, min of B to C’
H3 Register: Line period, C to C’
H4 Register: H Fly to H sync, E to C
H5 Register: H sync to H Fly, C to E’
H6 Register: H fly pulse, E to F
8.2 - VIDEO VERTICAL TIMINGS
These twelve bits read-only registers read time measurements, given in number of scan lines. They hold the
value of the last measurement that was initiated by I2C command (see TIMG Register).
Figure 5.
AV
HS
HFLY
B
D’
F’
D
F
AA’
C’
C
EE’
4000
H1.7
H1.6
H1.5
H1.4
H1.3
H1.2
H1.1
H1.0
4001
-
-
-
-
H1.11
H1.10
H1.9
H1.8
4002
H2.7
H2.6
H2.5
H2.4
H2.3
H2.2
H2.1
H2.0
4003
-
-
-
-
H2.11
H2.10
H2.9
H2.8
4004
H3.7
H3.6
H3.5
H3.4
H3.3
H3.2
H3.1
H3.0
4005
-
-
-
-
H3.11
H3.10
H3.9
H3.8
4006
H4.7
H4.6
H4.5
H4.4
H4.3
H4.2
H4.1
H4.0
4007
-
-
-
-
H4.11
H4.10
H4.9
H4.8
4008
H5.7
H5.6
H5.5
H5.4
H5.3
H5.2
H5.1
H5.0
4009
-
-
-
-
H5.11
H5.10
H5.9
H5.8
400A
H6.7
H6.6
H6.5
H6.4
H6.3
H6.2
H6.1
H6.0
400B
-
-
-
-
H6.11
H6.10
H6.9
H6.8
AV
VS
B
L’
L
AA’
K’
K
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com