Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 16Page - STMicroelectronics STV9432TAP Datasheet HTML 17Page - STMicroelectronics STV9432TAP Datasheet HTML 18Page - STMicroelectronics STV9432TAP Datasheet HTML 19Page - STMicroelectronics STV9432TAP Datasheet HTML 20Page - STMicroelectronics STV9432TAP Datasheet HTML 21Page - STMicroelectronics STV9432TAP Datasheet HTML 22Page - STMicroelectronics STV9432TAP Datasheet HTML 23Page - STMicroelectronics STV9432TAP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
STV9432TAP
20/25
Character Height (reset value: 24H)
Display Control (reset Value: 00H)
Locking Condition Time Constant (reset value: 01H)
Capture Process Time Constant (reset value: 24H)
Initial Pixel Period (reset value: 06H)
4033
-
-
CH5
CH4
CH3
CH2
CH1
CH0
CH[5:0]
:
HEIGHT of the character strips in scan lines. For each scan line, the number of the slice which is displayed is
given by:
SLICE-NUMBER =
SCAN-LINE-NUMBER = Number of the current scan line of the strip.
SCAN-LINE-NUMBER x 18
CH[5:0]
round
(
)
4034
OSD
FBK
FL1
FL0
P9
P8
P7
P6
OSD
:
ON/OFF (if 0, R, G, B and FBLK outputs are 0).
FBK
:
Fast blanking control:
= 1, forces FBLK pin at ”1” outside and inside the OSD area.
This leads to blank video RGB and to only display OSD RGB.
= 0, FBLK pin is driven according character code for normal display of OSD data.
FL[1:0]
:
Flashing mode :
- 00: No flashing. The character attribute is ignored,
- 01: Flashing at fF (50% duty cycle),
- 10: Flashing at 2 fF
- 11: Flashing at 4 fF
Note: fF is 128 time vertical frequency.
P[9:6]
:
Address of the 1st descriptor of the current displayed pages.
P[13:10] and P[5:0] = 0; up to 16 different pages can be stored in the RAM.
4035
FR
AS2
AS1
AS0
LUK
BS2
BS1
BS0
FR
:
Free Running; if = 1 PLL is disabled and the pixel frequency keeps its last value.
AS[2:0]
:
Phase constant during locking conditions.
BS[2:0]
:
Frequency constant during locking conditions.
LUK
:
Lock unlock status bit
0 = unlocked PLL
1 = Locked PLL
4036
LEN
AF2
AF1
AF0
-
BF2
BF1
BF0
LEN
:
Lock enable
0 = R,G,B, FBLK are always enabled,
1 = R,G,B,, FBLK are enabled only when PLL is locked.
AF[2:0]
:
Phase constant during the capture process.
BF[2:0]
:
Frequency constant during the capture process.
4037
PP7
PP6
PP5
PP4
PP3
PP2
PP1
PP0
PP[7:0]
:
Value to initialize the pixel period of the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com