Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 15Page - STMicroelectronics STV9432TAP Datasheet HTML 16Page - STMicroelectronics STV9432TAP Datasheet HTML 17Page - STMicroelectronics STV9432TAP Datasheet HTML 18Page - STMicroelectronics STV9432TAP Datasheet HTML 19Page - STMicroelectronics STV9432TAP Datasheet HTML 20Page - STMicroelectronics STV9432TAP Datasheet HTML 21Page - STMicroelectronics STV9432TAP Datasheet HTML 22Page - STMicroelectronics STV9432TAP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
STV9432TAP
19/25
Table 2
CLUT Block Selection
12.2 - OSD CONTROL REGISTERS
Line Duration (reset value: 20H)
Top Margin (reset value: 30H)
Note: The top margin is displayed before the first strip of descriptor list. It can be black if FBK of DISPLAY CONTROL
register is set or transparent if FBK is clear.
Horizontal Delay (reset value: 20H)
CLU3
CLU[2:0]
Code Name
Command Code
(hex)
Ram @(hex)
Reset Value (hex)
0
Col 0
00
@4020
07
1
Col 1
01
@4021
16
0
2
Col 2
02
@4022
25
3
Col 3
03
@4023
34
4
Col 4
04
@4024
43
5
Col 5
05
@4025
52
6
Col 6
06
@4026
61
7
Col 7
07
@4027
70
0
Col 0
00
@4028
70
1
Col 1
01
@4029
61
2
Col 2
02
@402A
52
1
3
Col 3
03
@402B
43
4
Col 4
04
@402C
34
5
Col 5
05
@402D
25
6
Col 6
06
@402E
16
7
Col 7
07
@402F
07
4030
VSP
HSP
LD6
LD5
LD4
LD3
LD2
LD1
VSP
:
V-SYNC active edge selection
= 0, falling egde,
= 1, rising edge.
HSP
:
HFLY active edge selection
= 0, rising egde,
= 1, falling edge.
LD[6:1]
:
LINE DURATION
LD0 = 0
LD1 = 2 periods of character
One character period is 12 pixels long.
4031
M9
M8
M7
M6
M5
M4
M3
M2
M[9:2]
:
TOP MARGIN height from the VSYNC reference edge.
M0 = 0, M1 = 0
M2 = 4 scan lines
4032
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
DD[7:0]
:
HORIZONTAL DISPLAY DELAY from the HSYNC reference edge to the 1st pixel position of the charac-
ter strips.
Unit = 6 pixel periods. Minimum value is 08H. First pixel position = [DD[7:0] - 6] x 6 + 54 with
DD[7:0] = 0,2,4,6 delay is 54 pixel and with DD[7:0] = 1,3,5 delay is 60 pixel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com