Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 3Page - STMicroelectronics STV9432TAP Datasheet HTML 4Page - STMicroelectronics STV9432TAP Datasheet HTML 5Page - STMicroelectronics STV9432TAP Datasheet HTML 6Page - STMicroelectronics STV9432TAP Datasheet HTML 7Page - STMicroelectronics STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics STV9432TAP Datasheet HTML 10Page - STMicroelectronics STV9432TAP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STV9432TAP
7/25
7 - SERIAL INTERFACE
The 2-wires serial interface is an I2C interface. To be
connected to the I
2C bus, a device must own its slave
address; the slave address of the STV9432TAP is BA
(in hexadecimal).
7.1 - Data Transfer in Write Mode
The host MCU can write data into the STV9432TAP
registers or RAM.
To write data into the STV9432TAP, after a start, the
MCU must send (Figure 2):
- First, the I2C address slave byte with a low level for
the R/W bit,
- The two bytes of the internal address where the
MCU wants to write data,
- The successive bytes of data.
All bytes are sent MSB bit first and the write data
transfer is closed by a stop.
7.2 - Data Transfer in Read Mode
The host MCU can read data from the STV9432TAP
register, RAM or ROM.
To read data from the STV9432TAP (Figure 3), the
MCU must send 2 different I
2C sequences. The first
one is made of I
2C slave address byte with R/W bit at
low level and the 2 internal address bytes.
The second one is made of I
2C slave address byte
with R/W bit at high level and all the successive data
bytes read at successive addresses starting from the
initial address given by the first sequence.
Figure 2. I
2C Write Operation
Figure 3. I2C Read Operation
A6
A5
A4
A3
A2
A1
A0
RW
101
1
1
0
1
SCL
SDA
R/W
A7
A6
A5
A4
A3
A2
A1
A0
-
-
A13
A12
A11
A10
A9
A8
I2C Slave Address
ACK
LSB Address
ACK
MSB Address
ACK
Start
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
ACK
ACK
Data Byte 1
Data Byte 2
ACK
Data Byte n
Stop
SCL
SDA
SCL
SDA
R/W
A7
A6
A5
A4
A3
A2
A1
A0
I
2C Slave Address
ACK
LSB Address
ACK
MSB Address
ACK
Start
-
-
A13 A12
A10 A10
A9
A8
Stop
SCL
SDA
R/W
D7
D6
D5
D4
D3
D2
D1
D0
I
2C Slave Address
ACK
ACK
Data Byte n
ACK
Start
D7
D6
D5
D4
D3
D2
D1
D0
Stop
Data Byte 1
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com